ALV-C22-R
AI

The **ALV-C22-R** is a specific electronic component typically categorized as an **industrial indicator pilot light** or an **emergency stop auxiliary part**, often associated with manufacturers like IDEC.
Below is a detailed breakdown of its electronic and mechanical parts.
---
### 1. Technical Specifications
The "C22" in the part number usually refers to the 22mm mounting diameter, which is the global standard for industrial control panels.
| Feature | Specification |
| :--- | :--- |
| **Mounting Diameter** | 22mm |
| **Component Type** | LED Illuminated Unit / Pilot Light |
| **Color Code** | R (Red) |
| **Input Voltage** | Typically 24V AC/DC (Standard for ALV series) |
| **Series** | LW or TW Series (depending on specific regional catalog) |
| **Environmental Rating** | IP65 (Waterproof/Dustproof from front) |
---
### 2. Internal Electronic Components
The ALV-C22-R is composed of several critical layers that allow it to function within an automated circuit:
#### A. The Light Engine (LED Module)
Unlike old incandescent bulbs, the "R" variant uses a high-intensity **Red LED**.
* **Current Limiting Resistor:** Internal circuitry prevents the LED from burning out by regulating the 24V input.
* **Reverse Polarity Protection:** A diode is often included to protect the light if DC wires are swapped.
#### B. Contact Block Interface
The electronic signals are managed by the contact blocks attached to the back:
* **Terminals:** Usually screw-type (M3.5) for securing 14-22 AWG wiring.
* **Voltage Transformer (Optional):** Some variants include a step-down transformer if the main panel runs on 120V or 240V.
#### C. The Optical Lens
* **Material:** Polycarbonate.
* **Design:** Grooved internal surface to diffuse LED light evenly, preventing "hot spots" and ensuring visibility from wide angles.
---
### 3. Wiring Configuration
The part typically operates on a simple two-terminal circuit.
```mermaid
graph LR
A[Power Source +24V] --> B(Terminal X1)
B --> C{Internal LED}
C --> D(Terminal X2)
D --> E[Common/Ground]
```
---
### 4. Typical Applications
* **Status Indication:** Used to show that a machine is in a "Fault" or "Stop" state.
* **Control Panels:** Fits into standard CNC or PLC interface panels.
* **Emergency Signaling:** Often paired with a mushroom head or used as a standalone warning light.
- ⤷
What are the different voltage options available for the ALV series?
- ⤷ How does the ALV-C22-R compare to the ALQ series in terms of mounting?
- ⤷ Can the LED module in the ALV-C22-R be replaced independently?