ALV-C44-R
AI

The **ALV-C44-R** is a specific model of an **Active Low-Pass Filter** or **Anti-Aliasing Filter** module, commonly utilized in industrial automation, data acquisition systems, and sensor signal conditioning. It is designed to suppress high-frequency noise and prevent aliasing during Analog-to-Digital conversion.
---
### 1. Key Technical Specifications
The "C44" designation typically refers to the cutoff frequency characteristics or the specific internal circuitry configuration.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Filter Type** | Active Low-Pass Filter |
| **Channel Count** | Single or Multi-channel (Model dependent) |
| **Input Voltage Range** | Usually ±5V to ±10V |
| **Cutoff Frequency ($f_c$)** | Fixed or Configurable (Refer to datasheet for 44Hz or 4.4kHz variant) |
| **Power Supply** | Dual Rail (e.g., ±15V DC) |
| **Package Style** | PCB Mount or Modular Plug-in |
---
### 2. Core Electronic Components
The internal architecture of the ALV-C44-R generally consists of the following electronic stages:
#### A. Operational Amplifiers (Op-Amps)
The "Active" part of the filter relies on high-precision Op-Amps. These provide:
* **High Input Impedance:** To prevent loading the signal source.
* **Low Output Impedance:** To drive the next stage (ADC or PLC).
* **Gain Stability:** Ensuring the signal amplitude remains accurate within the passband.
#### B. RC Network (Resistors & Capacitors)
The frequency response is determined by a network of precision resistors and capacitors.
* **Capacitors:** Usually high-stability film or C0G/NP0 ceramic capacitors to minimize drift over temperature.
* **Resistors:** Metal film resistors with 1% or 0.1% tolerance for precise cutoff frequency definition.
#### C. Protection Circuitry
To survive industrial environments, the module includes:
* **TVS Diodes:** For Transient Voltage Suppression.
* **Decoupling Capacitors:** To filter noise from the DC power supply rails.
---
### 3. Functional Application
The ALV-C44-R is primarily used to clean up signals before they reach a controller.
```mermaid
graph LR
A[Sensor Signal] --> B[ALV-C44-R Filter]
B --> C[Noise Suppression]
C --> D[Clean DC/Low Freq Signal]
D --> E[A/D Converter]
```
---
### 4. Schematic Representation (Simplified)
The internal logic often follows a **Sallen-Key** or **Multiple Feedback (MFB)** topology to achieve a 2nd or 4th-order Butterworth/Bessel response.
```cpp
// Logic Representation of Filter Gain calculation
Output_Signal = Input_Signal * (1 / sqrt(1 + pow(Frequency / Cutoff_Freq, 2 * Order)));
```
- ⤷
What is the exact cutoff frequency of the C44 variant?
- ⤷ How does the ALV-C44-R compare to a passive RC filter in terms of signal attenuation?
- ⤷ What are the mounting requirements for this module on a standard PCB?