Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AM1DR-0505S-RZ

  • AI
    ### Overview of AM1DR-0505S-RZ The **AM1DR-0505S-RZ** is a high-performance **DC-DC Converter** manufactured by Aimtec. It belongs to a series of compact, isolated power modules designed for applications where board space is limited and voltage isolation is required. --- ### Key Specifications Below is a technical summary of the device's electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Input Voltage (Nominal)** | 5 VDC | | **Input Voltage Range** | 4.5 VDC to 5.5 VDC | | **Output Voltage** | 5 VDC | | **Output Current** | 200 mA (Max) | | **Power Rating** | 1 Watt | | **Isolation Voltage** | 1000 VDC (Standard) | | **Efficiency** | ~72% to 80% | | **Package Style** | SIP7 (Single Inline Package) | --- ### Electronic Features 1. **Galvanic Isolation:** It provides 1000 VDC isolation between the input and output circuits, protecting sensitive downstream components from noise or voltage spikes on the input rail. 2. **Unregulated Output:** This specific model is typically an **unregulated** converter. This means the output voltage may fluctuate slightly based on the load (load regulation) and input voltage variations. 3. **Short Circuit Protection:** It usually features momentary short-circuit protection to prevent immediate failure during a fault. 4. **SIP7 Form Factor:** The "RZ" suffix often denotes the physical package style (7-pin Single Inline Package), which is ideal for high-density PCB layouts. --- ### Pin Configuration (Typical SIP7) While you should always consult the official datasheet, the standard SIP7 pinout for this series is: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +V Input | Positive Input Voltage | | 2 | -V Input | Negative Input (Ground) | | 4 | -V Output | Negative Output | | 6 | +V Output | Positive Output | | *Others* | N.C. | No Connection (Internal pins) | --- ### Common Applications * **Digital Circuits:** Providing clean, isolated power to logic gates or microcontrollers. * **Industrial Automation:** Eliminating ground loops in sensor networks. * **Telecom:** Distributing local power on line cards. * **Instrumentation:** Powering isolated RS-485 or CAN bus transceivers.
    ✨ Follow-up Questions
    • ⤷What is the difference between regulated and unregulated DC-DC converters?
    • ⤷ Does this model have a version with 3000VDC isolation?
    • ⤷ How do I calculate the thermal derating for this part?