Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AM2D-2412D-RZ

  • AI
    The **AM2D-2412D-RZ** is a high-performance, compact DC-DC converter manufactured by **Aimtec**. It is designed to provide isolation and voltage regulation in industrial and commercial electronic circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | |:--- |:--- | | **Input Voltage Range** | 21.6 – 26.4 VDC (Nominal 24V) | | **Output Voltage** | ±12 VDC (Dual Output) | | **Output Current** | ±83 mA | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 1000 VDC | | **Package Type** | DIP14 (Dual In-line Package) | | **Efficiency** | ~75% to 80% | --- ### 2. Functional Characteristics * **Dual Output:** Unlike single-output converters, this part provides two symmetrical voltage rails (+12V and -12V). This is essential for powering **Operational Amplifiers (Op-Amps)** and analog circuitry. * **Galvanic Isolation:** It provides 1000VDC isolation between the input and output stages. This protects sensitive control logic from high-voltage noise or ground loops on the input side. * **Unregulated Output:** Note that the "AM2D" series typically features unregulated outputs, meaning the output voltage may fluctuate slightly based on the load and input voltage stability. * **Short Circuit Protection:** It includes basic protection mechanisms to prevent component failure during momentary faults. --- ### 3. Pin Configuration (Typical DIP14) | Pin Number | Function | Description | |:--- |:--- |:--- | | 1 | -Vin | Negative Input Voltage | | 7 | NC | No Connection | | 8 | Common | Common Ground for Outputs (0V) | | 9 | +Vout | Positive 12V Output | | 11 | -Vout | Negative 12V Output | | 14 | +Vin | Positive Input Voltage | --- ### 4. Common Applications 1. **Industrial Controls:** Powering sensors that require dual-rail supply. 2. **Data Acquisition:** Providing clean, isolated power to Analog-to-Digital Converters (ADCs). 3. **Communication Interfaces:** Isolating RS-232 or RS-485 nodes to prevent data corruption from ground interference. 4. **Audio Circuits:** Powering pre-amplifiers where a balanced +/- supply is needed to maintain signal integrity.
    ✨ Follow-up Questions
    • ⤷ What is the difference between regulated and unregulated DC-DC converters in this series?
    • ⤷ How do I calculate the thermal derating for the AM2D-2412D-RZ?
    • ⤷ Can I use this converter to power a standard 5V logic circuit?