Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AM3T-1209D-RZ

  • AI
    ### AM3T-1209D-RZ Overview The **AM3T-1209D-RZ** is a high-performance, isolated DC/DC converter manufactured by **Aimtec**. It is part of the AM3T series, which is known for providing a regulated dual output in a compact 24-pin DIP package. --- ### Core Specifications Below are the primary technical parameters for the component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 18V DC (12V Nominal) | | **Output Voltage** | ±9V DC (Dual Output) | | **Output Current** | ±167 mA | | **Max Power** | 3 Watts | | **Isolation Voltage** | 1500 VDC | | **Efficiency** | ~78% - 82% | | **Package Style** | 24-Pin DIP (Plastic Case) | | **Operating Temperature** | -40°C to +85°C | --- ### Key Electronic Features #### 1. Wide 2:1 Input Range The device handles a wide range of input fluctuations (9V to 18V), making it ideal for systems where the primary power source might vary, such as battery-powered applications or automotive electronics. #### 2. Regulated Dual Output Unlike unregulated converters, the "RZ" suffix denotes a regulated output. This ensures that the ±9V remains stable regardless of changes in the input voltage or the output load conditions. #### 3. Isolation With **1500 VDC isolation**, the part physically separates the input circuit from the output circuit. This is critical for: * Breaking ground loops. * Reducing noise interference. * Protecting sensitive components on the output side from input voltage spikes. #### 4. Protection Mechanisms The unit typically includes built-in safeguards to ensure longevity: * **Continuous Short Circuit Protection:** Prevents damage if the output terminals are accidentally shorted. * **Input Filter:** Uses a Pi ($\pi$) filter to minimize electromagnetic interference (EMI). --- ### Pinout Configuration (DIP24) | Pin Number | Function | Description | | :--- | :--- | :--- | | 2, 3 | -V Input | Negative Input Voltage | | 9 | Common | Output Common (Zero/Ground) | | 11 | -V Output | Negative Output Voltage (-9V) | | 14 | +V Output | Positive Output Voltage (+9V) | | 16 | Common | Output Common (Zero/Ground) | | 22, 23 | +V Input | Positive Input Voltage | --- ### Common Applications * **Operational Amplifiers:** Providing the necessary symmetric (+/-) rails for analog signal processing. * **Industrial Control Systems:** Powering sensors and actuators that require isolated power. * **Data Acquisition:** Ensuring clean, noise-free power for ADC/DAC components.
    ✨ Follow-up Questions
    • ⤷What is the difference between the AM3T-1209D-RZ and the AM3T-1209S-RZ?
    • ⤷ Does this converter require external capacitors for stability?
    • ⤷ What are the thermal derating requirements for this part at high temperatures?