Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AM3T-4805D-RVZ

  • AI
    ## AM3T-4805D-RVZ: Technical Overview The **AM3T-4805D-RVZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide regulated power in a compact package, typically used in industrial, telecommunications, and battery-powered applications. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 18V to 72V DC (4:1 Ultra-wide Input) | | **Output Voltage** | ±5V DC (Dual Output) | | **Output Current** | ±300 mA | | **Isolation Voltage** | 1500 VDC | | **Efficiency** | ~80% - 83% | | **Package Style** | DIP24 (Dual In-line Package) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Breakdown of the Model Code To understand the electronic capabilities, we can break down the part number: * **AM3T**: Series name (3 Watt series). * **48**: Nominal input voltage (48V), but supports a 4:1 range (18-72V). * **05**: Nominal output voltage (5V). * **D**: **Dual Output** (Provides both +5V and -5V relative to a common ground). * **RVZ**: Specific suffix indicating protection features and 1500VDC isolation in a standard DIP24 pinout. --- ### 3. Core Electronic Features #### A. 4:1 Wide Input Range Unlike standard converters that require a very specific input (e.g., exactly 48V), this part can handle massive fluctuations. This makes it ideal for battery systems where voltage drops as the battery discharges. #### B. Dual Output Regulation The "D" signifies dual output. This is critical for **Operational Amplifiers (Op-Amps)** and high-end audio or sensing circuits that require both positive and negative voltage rails to function correctly. #### C. Built-in Protection The device includes internal circuitry for: * **Short Circuit Protection (SCP):** Continuous protection with auto-recovery. * **Over-voltage Protection.** * **Input Filter:** Typically features a built-in Pi-network filter to reduce electromagnetic interference (EMI). --- ### 4. Typical Applications * **Industrial Controls:** Powering sensors and PLC modules. * **Data Communications:** Providing isolated power for RS-232 or RS-485 interfaces. * **Test and Measurement:** Supplying clean, isolated power to sensitive analog-to-digital converters (ADCs). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout assignments for the DIP24 package of this converter?
    • ⤷ How does the 1500VDC isolation benefit a circuit design?
    • ⤷ Can this converter be used in parallel to increase output current?