AM3T-4805S-RZ
AI

## AM3T-4805S-RZ: Technical Overview
The **AM3T-4805S-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is part of the AM3T series, designed to provide a regulated output voltage from a wide range of input voltages, specifically for industrial and telecommunication applications.
### Core Specifications
Below is a summary of the primary technical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 72V DC (48V Nominal) |
| **Output Voltage** | 5V DC |
| **Output Current** | 600 mA |
| **Power Rating** | 3 Watts |
| **Isolation Voltage** | 1500 VDC |
| **Efficiency** | ~78% - 82% |
| **Package Style** | DIP24 (Dual In-line Package) |
| **Operating Temperature** | -40°C to +85°C |
---
### Key Features and Electronic Characteristics
#### 1. Wide Input Range (4:1)
The "48" in the part number signifies a nominal 48V input, but the "T" series typically denotes a **4:1 ultra-wide input range**. This allows the device to handle significant fluctuations in supply voltage (from 18V up to 72V) without affecting the stability of the 5V output.
#### 2. Galvanic Isolation
With a **1500 VDC isolation** rating, the input and output stages are electrically separated. This is critical for:
* Breaking ground loops.
* Protecting sensitive logic-side components from high-voltage transients on the input side.
* Reducing noise interference.
#### 3. Protection Mechanisms
The module includes built-in safeguards to ensure longevity and system safety:
* **Continuous Short Circuit Protection:** Automatically recovers once the fault is removed.
* **Over Voltage Protection:** Prevents the output from exceeding safe limits for the load.
#### 4. Physical Form Factor (DIP24)
The **RZ** suffix indicates the package type and pinout configuration. The DIP24 footprint is a standard industrial size, making it easy to integrate into through-hole PCB designs or replace older modules in existing systems.
---
### Typical Applications
* **Industrial Control Systems:** Powering 5V microcontrollers from 24V or 48V factory rails.
* **Telecommunications:** Converting standard 48V bus voltages to logic levels.
* **Distributed Power Architectures:** Providing localized regulation on complex circuit boards.
- ⤷
What are the specific pinout assignments for the DIP24 package of this model?
- ⤷ How does the efficiency curve change when the input voltage is at its maximum (72V)?
- ⤷ Are there surface-mount (SMD) equivalents available for the AM3T-4805S-RZ?