AM4TW-R-Z_16
AI

The **AM4TW-R-Z** is a high-performance, ultra-wide input voltage DC-DC converter series manufactured by **Aimtec**. These components are specifically designed for industrial, telecommunications, and high-density power applications where space is limited and reliability is critical.
---
### 1. Key Technical Specifications
The "16" in your query likely refers to the output voltage or a specific series variant. Below is a breakdown of the standard technical characteristics for this series:
| Feature | Specification |
| :--- | :--- |
| **Package Type** | SIP8 (Single In-line Package) |
| **Power Rating** | 4 Watts |
| **Input Voltage Range** | 4:1 Ultra-wide (9-36VDC or 18-75VDC) |
| **Isolation Voltage** | 1600 VDC |
| **Efficiency** | Up to 87% |
| **Operating Temperature** | -40°C to +85°C |
| **Protection** | Continuous Short Circuit Protection (SCP) |
---
### 2. Functional Description
The AM4TW-R-Z functions as a switching regulator that converts a range of DC input voltages into a stable, regulated DC output.
* **Ultra-Wide Input:** The 4:1 ratio allows the device to handle significant fluctuations in the power source, making it ideal for battery-powered systems where voltage drops as the battery discharges.
* **Isolation:** The 1600VDC isolation provides a safety barrier between the input and output stages, preventing electrical noise or fault currents from damaging sensitive downstream components.
* **Compact Design:** Utilizing the SIP8 footprint, it saves significant PCB real estate compared to traditional DIP packages.
---
### 3. Pin Configuration (Typical SIP8)
*Most AM4TW-R-Z models follow this standard pinout:*
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | -Vin | Negative Input Voltage |
| 2 | +Vin | Positive Input Voltage |
| 3 | Remote On/Off | Control pin to enable/disable the unit |
| 5 | NC | No Connection (Internal) |
| 6 | +Vout | Positive Output Voltage |
| 7 | -Vout | Negative Output Voltage |
| 8 | NC | No Connection |
---
### 4. Common Applications
* **Industrial Automation:** Powering sensors and controllers from unregulated 24V bus lines.
* **Telecommunications:** Converting standard 48V rails to lower logic levels.
* **Data Acquisition:** Providing isolated power to analog-to-digital converters to reduce ground loop noise.
- ⤷
What are the specific differences between the 24V and 48V input models?
- ⤷ How does the 'Remote On/Off' feature function in a circuit?
- ⤷ What external capacitors are recommended for EMI filtering with this part?