Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AMELA5012S-R68M

  • AI
    The **AMELA5012S-R68M** is a high-performance, surface-mount (SMD) power inductor typically used in DC-DC converters and power management circuits. It belongs to the molded power inductor category, known for high efficiency and low electromagnetic interference (EMI). --- ### 1. Part Number Deciphering To understand the specifications, we break down the typical nomenclature for this series: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **AMEL** | Series Code | Alloy Molded Inductor Series | | **5012** | Dimensions | Approx. 5.4mm x 5.2mm x 1.2mm | | **S** | Standard | Standard profile/construction | | **R68** | Inductance Value | 0.68 microhenries (µH) | | **M** | Tolerance | ±20% | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (often associated with brands like Abracon or similar magnetic component specialists), the general specs for an **R68M** in a **5012** package are: * **Inductance:** 0.68 µH * **DC Resistance (DCR):** Typically very low (approx. 10–20 mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** The current at which inductance drops by 30%; usually ranges between **8A to 12A** for this size. * **Heat Rating Current ($I_{rms}$):** The current that causes a 40°C temperature rise; usually ranges between **6A to 9A**. * **Operating Temperature:** Generally -40°C to +125°C. --- ### 3. Structural Features The "AMELA" series utilizes **Metal Alloy Powder** technology, which provides several advantages over traditional ferrite core inductors: * **Magnetic Shielding:** The molded construction naturally shields the component, reducing EMI and noise interference with nearby components. * **Soft Saturation:** Unlike ferrite cores that lose inductance abruptly when overloaded, alloy inductors have a "soft" saturation curve, making the circuit more stable under peak loads. * **High Power Density:** The 1.2mm ultra-thin profile (height) makes it ideal for compact consumer electronics. --- ### 4. Common Applications Due to its low profile and high current handling, it is frequently found in: 1. **Voltage Regulator Modules (VRMs):** For CPUs and GPUs. 2. **Thin Electronics:** Tablets, ultra-books, and smartphones. 3. **DC-DC Converters:** Point-of-Load (POL) power supplies. 4. **Battery Powered Devices:** Where high efficiency is required to extend battery life. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between saturation current and heat rating current for this part?
    • ⤷ Can this inductor be used in automotive high-temperature environments?
    • ⤷ What are the recommended soldering footprint dimensions for the 5012 package?