Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AMK-R100E

  • AI
    The **AMK-R100E** is a professional-grade integrated amplifier and controller often used in public address (PA) systems, background music (BGM) setups, and paging environments. Its electronic architecture is designed for high reliability and 24/7 operation. --- ### 1. Core Electronic Components The device is composed of several key functional modules that handle power, signal processing, and amplification. | Component Category | Key Parts / Function | Description | |:---|:---|:---| | **Power Stage** | Class-D Amplifier Circuit | Provides high-efficiency power output with minimal heat dissipation compared to traditional Class-AB. | | **Power Supply** | SMPS (Switch Mode Power Supply) | Converts AC mains to stable DC voltage; lighter and more efficient than linear transformers. | | **Control Unit** | Microcontroller (MCU) | Manages digital volume control, input switching, and protection logic. | | **Protection Circuit** | Thermistors & Relays | Safeguards the electronics against short circuits, overheating, and DC offset. | | **I/O Interfaces** | Phoenix Connectors / RCA | Industrial-grade connectors designed for secure, long-term wiring. | --- ### 2. Functional Electronic Features #### A. Amplification Architecture The AMK-R100E typically utilizes **Class-D technology**. This is critical for its compact form factor because Class-D amplifiers use pulse-width modulation (PWM) to drive output transistors, allowing them to remain either fully on or fully off, which reduces energy loss as heat. #### B. Signal Processing * **Active Balancing:** The input stage often features op-amps configured for balanced audio signals to reject electromagnetic interference (EMI) over long cable runs. * **Auto-Priority Sensing:** Electronic sensors detect incoming signals on "Priority" inputs to automatically duck (lower) the background music for paging. #### C. Constant Voltage Output Unlike consumer amplifiers, the electronics include a specialized **Output Transformer** or high-voltage rail design to support **70V/100V lines**. This allows for: 1. Running multiple speakers in parallel. 2. Using thinner gauge wire over long distances without significant signal loss. --- ### 3. Safety and Reliability Logic The electronic "brain" of the R100E monitors several parameters: * **Overload Protection:** If the speaker impedance drops too low (too many speakers attached), the MCU will throttle or shut down the output stage to prevent transistor failure. * **Thermal Management:** Internal heat sinks coupled with thermal sensors ensure the unit shuts down before the silicon reaches critical temperatures. --- ### 4. Technical Specifications (Electronic Overview) ```json { "Output_Power": "100W RMS", "Voltage_Support": "70V / 100V / 4-16 Ohms", "Frequency_Response": "60Hz - 15kHz", "THD": "< 0.5% at 1kHz", "Input_Sensitivity": "Mic: 5mV / Line: 300mV" } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between 70V and 8-ohm speaker outputs?
    • ⤷ How does the auto-priority function work electronically?
    • ⤷ Can the AMK-R100E be integrated into a Dante network?