Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • APHB1608ZGSYKC

  • AI
    ### APHB1608ZGSYKC Electronic Overview The **APHB1608ZGSYKC** is a multi-color Surface Mount Device (SMD) LED manufactured by Kingbright. It belongs to the "Chip LED" category and is characterized by its dual-color output in a very compact footprint. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Package Size** | 1608 (Metric) / 0603 (Imperial) | 1.6mm x 0.8mm x 0.5mm | | **LED 1 Color** | Green | InGaN (Indium Gallium Nitride) | | **LED 2 Color** | Super Bright Yellow | AlGaInP (Aluminum Gallium Indium Phosphide) | | **Lens Type** | Water Clear | Maximizes light output | | **Viewing Angle** | 130° | Wide dispersion | | **Mounting Type** | Surface Mount (SMD) | Tape & Reel packaging | --- ### 2. Optical and Electrical Characteristics The device contains two independent LED chips within one package. Because they use different semiconductor materials (InGaN vs. AlGaInP), their electrical requirements differ slightly. #### A. Green (ZGS) * **Wavelength:** ~525 nm (True Green) * **Forward Voltage ($V_F$):** Typically 3.3V (Max 4.1V) * **Luminous Intensity:** High (~400-700 mcd at 20mA) #### B. Super Bright Yellow (SYK) * **Wavelength:** ~590 nm * **Forward Voltage ($V_F$):** Typically 2.0V (Max 2.5V) * **Luminous Intensity:** Standard (~80-150 mcd at 20mA) --- ### 3. Pinout and Circuit Configuration The APHB1608 series typically follows a **4-terminal** layout where each LED has its own anode and cathode. This allows for: 1. **Independent Control:** Turning one color on at a time. 2. **Color Mixing:** Turning both on simultaneously to create a blended color (e.g., lime/yellow-green). ```text Pin 1: Cathode (Green) Pin 2: Anode (Green) Pin 3: Cathode (Yellow) Pin 4: Anode (Yellow) ``` --- ### 4. Typical Applications Due to its extremely low profile (0.5mm thickness) and bi-color capability, it is commonly used in: * **Backlighting:** Keypads and membrane switches. * **Status Indicators:** Consumer electronics (e.g., Green for "Ready", Yellow for "Standby"). * **Wearables:** Where PCB space and height are severely limited. * **Smart Home Devices:** IoT hubs and sensor nodes. --- ### 5. Design Considerations * **Current Limiting:** Always use series resistors. Since the Green LED has a higher $V_F$ than the Yellow LED, they require different resistor values to achieve balanced brightness. * **Thermal Sensitivity:** As an SMD component, it is sensitive to reflow temperatures. Follow the JEDEC moisture sensitivity levels (MSL) provided in the datasheet. * **Polarity:** Ensure correct orientation during assembly; the package usually features a small notch or green mark on the cathode side.
    ✨ Follow-up Questions
    • ⤷What are the recommended resistor values for a 5V supply for this LED?
    • ⤷ How does the 'Water Clear' lens affect the light dispersion compared to a diffused lens?
    • ⤷ What is the Moisture Sensitivity Level (MSL) rating for this specific Kingbright part?