APLS2555-R
AI

### Overview: APLS2555-R
The **APLS2555-R** is a high-performance, integrated power distribution switch primarily used for USB ports and other self-powered systems. It belongs to a class of Protection ICs designed to safeguard hardware against overcurrent, short circuits, and thermal overstress.
---
### 1. Key Technical Specifications
The device is characterized by its low "on-resistance" and robust protection features.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage Range** | 2.7V to 5.5V |
| **Current Limit** | 2.5A (Fixed or Adjustable depending on variant) |
| **RDS(on)** | ~80 mΩ (Low Resistance) |
| **Output Discharge** | Integrated (Auto-discharge when disabled) |
| **Response Time** | 2μs Overcurrent Response |
| **Package Type** | SOT-23-5 or Similar Compact Footprint |
---
### 2. Functional Electronic Components
The internal circuitry of the APLS2555-R consists of several critical stages:
1. **N-Channel MOSFET:** The main power switch that connects the input to the output. Its low resistance minimizes voltage drop and heat generation.
2. **Charge Pump:** Since it uses an N-channel MOSFET, an internal charge pump raises the gate voltage above the input supply to fully turn on the transistor.
3. **Current Sense Circuitry:** Monitors the flow of current. If the load exceeds the 2.5A threshold, the IC enters "Current Limit Mode."
4. **Error Flag ($\overline{FLG}$):** An open-drain output that pulls low to alert a microcontroller if a fault (overcurrent or over-temperature) occurs.
5. **Thermal Shutdown:** A sensor that disables the switch if the internal temperature exceeds a safe limit (typically around 150°C).
---
### 3. Pin Configuration
Commonly found in a 5-pin configuration, the parts function as follows:
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **IN** | Input | Power supply input. |
| **GND** | Ground | Circuit common ground. |
| **EN / $\overline{EN}$** | Enable | Logic input to turn the switch on or off. |
| **$\overline{FLG}$** | Fault Status | Active-low output indicating overcurrent or over-temp. |
| **OUT** | Output | The protected power output to the load. |
---
### 4. Typical Application Circuit
When designing with the APLS2555-R, external capacitors are required for stability and noise reduction.
```cpp
// Schematic Logic Representation
[Source 5V] ----+---- [IN] [OUT] ----+---- [USB Port/Load]
| (IC) | |
[C_in] [EN] [FLG] [C_out]
| | | |
[GND] [MCU] [PullUp] [GND]
```
---
### 5. Protection Features
* **Soft Start:** Gradually increases the output voltage to prevent large "inrush" currents that could crash the main power rail.
* **Reverse Current Blocking:** Prevents current from flowing back from the output to the input when the switch is off.
* **Deglitch Timer:** The Fault pin has a built-in delay (usually ~7ms) to prevent false triggers caused by momentary noise.
- ⤷
What are the primary differences between the APLS2555-R and the APLS2555-Q?
- ⤷ How do I calculate the power dissipation of this IC during a full load of 2.5A?
- ⤷ Which bypass capacitor values are recommended for the IN and OUT pins?