Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • APM32E103RCT6-R

  • AI
    ## Analysis of APM32E103RCT6-R The **APM32E103RCT6-R** is a high-performance 32-bit microcontroller produced by **Geehy Semiconductor**. It is based on the ARM® Cortex®-M3 core and is designed as an "Enhanced" version of the standard F103 series, often used as a pin-to-pin compatible alternative to the STM32F103RCT6. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Frequency** | 120 MHz | | **Flash Memory** | 256 KB | | **SRAM** | 64 KB | | **Operating Voltage** | 2.0V ~ 3.6V | | **Package** | LQFP64 | | **I/O Pins** | 51 | | **Operating Temp** | -40°C ~ +105°C | --- ### 2. Peripheral Interfaces The "Enhanced" (E) series provides a robust set of peripherals suitable for industrial and consumer applications: * **Communication:** * 3 x USART + 2 x UART * 2 x SPI / 2 x I2S * 2 x I2C * 1 x CAN 2.0B * 1 x USB 2.0 OTG (Full Speed) * **Analog:** * 3 x 12-bit ADC (up to 16 channels) * 2 x 12-bit DAC * **Timers:** * 2 x Advanced Control Timers (PWM) * 4 x General Purpose Timers * 2 x Basic Timers --- ### 3. Distinctive Features * **FPU-like Performance:** While the Cortex-M3 does not have a native hardware Floating Point Unit (FPU), the 120MHz clock speed allows it to outperform standard 72MHz M3 chips. * **Hardware Encryption:** Includes a 96-bit unique ID and hardware-level security features to protect firmware. * **Power Efficiency:** Supports Sleep, Stop, and Standby modes for battery-operated devices. * **Enhanced Connectivity:** The inclusion of USB OTG provides more flexibility than standard USB Device-only controllers. --- ### 4. Part Number Decoder: APM32E103RCT6-R ```text APM32 - Geehy MCU Brand E - Enhanced Series (Higher frequency/more features) 103 - Device Family (Cortex-M3) R - Pin Count (R = 64 pins) C - Flash Memory Size (C = 256 KB) T - Package Type (T = LQFP) 6 - Temp Range (6 = -40°C to +85°C/105°C) -R - Packing Method (R = Tape & Reel) ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the APM32E103RCT6-R compare in compatibility with the STM32F103RCT6?
    • ⤷ What are the specific power consumption figures for the Standby mode?
    • ⤷ Which development tools or IDEs are recommended for programming this MCU?