AI

The **AS02508CO-2-R** is a high-quality, miniature dynamic speaker manufactured by **PUI Audio**. It is specifically designed for applications where space is limited but clear audio output is required.
---
## 1. Technical Specifications
Below are the primary electronic and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Speaker Type** | Dynamic Speaker |
| **Impedance** | 8 Ohms ± 15% |
| **Power Rating (Nominal)** | 0.5 Watts |
| **Power Rating (Max)** | 0.8 Watts |
| **Sound Pressure Level (SPL)** | 84 dB ± 3dB @ 0.1W/0.1M |
| **Resonant Frequency (Fo)** | 500 Hz ± 20% |
| **Frequency Range** | 500 Hz ~ 20,000 Hz |
| **Magnet Material** | NdFeB (Neodymium) |
| **Weight** | ~2.5 grams |
---
## 2. Key Features and Construction
The AS02508CO-2-R utilizes specific materials to balance durability and acoustic performance:
* **Neodymium Magnet:** Provides a high magnetic flux density in a small footprint, allowing for higher efficiency and lower weight compared to ferrite magnets.
* **Mylar (PET) Cone:** This material is moisture-resistant and offers a crisp sound profile, making it suitable for voice and alarm signals.
* **Form Factor:** It is a round, low-profile speaker measuring approximately **25mm in diameter** and **4.8mm in height**.
* **Connection:** Typically features solder pads for direct wire attachment to a PCB.
---
## 3. Common Applications
Due to its small size and 8-ohm impedance (standard for most small amplifiers), it is commonly used in:
1. **Handheld Devices:** Scanners, GPS units, and walkie-talkies.
2. **Medical Instrumentation:** Audible heart rate monitors or diagnostic equipment alerts.
3. **IoT Devices:** Smart home hubs and security panels.
4. **Consumer Electronics:** Toys, clocks, and portable media players.
---
## 4. Implementation Example
When driving this speaker with a microcontroller like an Arduino, it is recommended to use a simple transistor circuit or a small Class-D amplifier (like the PAM8302) to avoid overdrawing current from the I/O pins.
```cpp
// Basic Square Wave Tone Generation (Arduino Example)
int speakerPin = 9;
void setup() {
pinMode(speakerPin, OUTPUT);
}
void loop() {
tone(speakerPin, 1000); // Send 1KHz sound signal
delay(500);
noTone(speakerPin); // Stop sound
delay(500);
}
```
- ⤷
What are the mounting recommendations to maximize the SPL of this speaker?
- ⤷ Can this speaker be used with a 3.3V or 5V amplifier circuit?
- ⤷ How does the Mylar cone material compare to paper cones in terms of environmental resistance?