AS05708PR-4-R
AI

The **AS05708PR-4-R** is a high-quality miniature loudspeaker manufactured by **PUI Audio**. It is specifically designed for applications where space is limited but clear audio output is required.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Impedance** | 8 Ohms (±15%) |
| **Rated Power** | 3.0 Watts |
| **Maximum Power** | 4.0 Watts |
| **Frequency Range** | 200 Hz ~ 20,000 Hz |
| **Sensitivity (SPL)** | 84 dB @ 1W / 0.5M |
| **Resonant Frequency** | 450 Hz (±20%) |
| **Magnet Material** | NdFeB (Neodymium) |
| **Cone Material** | Paper with Cloth Surround |
---
### 2. Functional Breakdown
#### A. Neodymium Magnet System
The part uses a **Neodymium (NdFeB)** magnet. This material is highly efficient, allowing the speaker to be much smaller and lighter than traditional ferrite-magnet speakers while maintaining a high magnetic flux density. This results in better control over the voice coil and higher sensitivity.
#### B. Frequency Response
With a range starting at **200 Hz**, this speaker is categorized as a "full-range" miniature driver. While it lacks deep sub-bass, it covers the entire human vocal range and high-frequency musical notes effectively, making it ideal for voice prompts and alarms.
#### C. Power Handling
At **3 Watts rated power**, it can handle significantly more energy than standard 0.5W or 1W PCB-mount speakers. This allows for higher volume levels without distorting the audio signal.
---
### 3. Physical Dimensions & Mounting
* **Form Factor:** Square
* **Width/Length:** 57mm x 57mm
* **Depth:** 25.5mm
* **Termination:** Solder Pads (typically used with wire leads)
---
### 4. Common Applications
* **Industrial Equipment:** Audible alerts and status indicators.
* **Kiosks:** Voice guidance for users.
* **Medical Devices:** Monitoring alarms and patient interaction systems.
* **IoT Devices:** Smart home hubs and intercoms.
---
- ⤷
What are the mounting recommendations for the AS05708PR-4-R to ensure best bass response?
- ⤷ Does this speaker require a specific enclosure volume for optimal performance?
- ⤷ Are there any waterproof or IP-rated alternatives to this model?