Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AS102P-64G-RBL

  • AI
    The **AS102P-64G-RBL** is a high-performance Flash Memory storage module, commonly associated with the **eMMC (embedded Multi-Media Controller)** standard. This specific part is frequently used in mobile devices, automotive systems, and industrial embedded computing due to its high density and integrated controller. --- ### 1. Technical Specifications Below are the primary electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Storage Capacity** | 64 GB | | **Interface** | eMMC 5.1 (backward compatible) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Operating Voltage** | Vcc (Core): 2.7V - 3.6V / Vccq (I/O): 1.7V - 1.95V | | **Data Bus Width** | 1-bit, 4-bit, or 8-bit | | **Flash Type** | MLC (Multi-Level Cell) or TLC (Triple-Level Cell) | --- ### 2. Key Electronic Components The device is an integrated "System-in-Package" (SiP) consisting of three main internal components: 1. **NAND Flash Array:** The raw storage area where data is physically stored in memory cells. 2. **Embedded Controller:** This acts as the "brain." It manages: * **Bad Block Management:** Identifies and skips faulty memory sectors. * **Wear Leveling:** Ensures data is written evenly across cells to extend lifespan. * **Error Correction Code (ECC):** Automatically fixes data bit errors. 3. **Host Interface:** Translates the standard eMMC protocol commands into physical operations on the Flash memory. --- ### 3. Pinout and Connectivity As an **FBGA package**, the electronic connection is made via solder balls on the underside of the chip. This design offers: * **Reduced Signal Interference:** Short paths between the chip and the PCB. * **High Thermal Dissipation:** Better heat transfer to the circuit board. * **Compact Footprint:** Saves space in small electronics like smartphones or IoT gateways. --- ### 4. Typical Applications * **Consumer Electronics:** Tablets, Smart TVs, and Set-top boxes. * **Automotive:** Infotainment systems and Dash-cams (due to shock resistance). * **Industrial:** Digital signage and thin-client computers.
    ✨ Follow-up Questions
    • ⤷ What are the read/write speeds of the AS102P-64G-RBL?
    • ⤷ Is this part compatible with industrial temperature ranges?
    • ⤷ How does eMMC differ from a standard SD card in terms of circuitry?