AS4V-S13-R
AI

The **AS4V-S13-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Low-Voltage TVS (Transient Voltage Suppressor) Diode Array** or a specialized protection switch, often manufactured by brands like *Abov Semiconductor* or similar specialized power management vendors.
---
### 1. General Specifications
While specific datasheets can vary by manufacturer, parts with this nomenclature generally follow these specifications:
| Feature | Description |
| :--- | :--- |
| **Component Type** | TVS Diode Array / ESD Protection |
| **Package Type** | SOT-23 or SOD-323 (Surface Mount) |
| **Working Voltage ($V_{rwm}$)** | Typically 3.3V to 5V |
| **Polarity** | Unidirectional or Bidirectional (Variant dependent) |
| **Applications** | Mobile phones, USB ports, HDMI protection |
---
### 2. Key Electronic Characteristics
The "AS4V" series is designed to protect sensitive integrated circuits (ICs) from electrostatic discharge (ESD) and voltage surges.
* **Low Clamping Voltage:** This ensures that when a spike occurs, the voltage seen by the protected component remains below its failure threshold.
* **Low Capacitance:** Critical for high-speed data lines (like USB 2.0/3.0) to prevent signal distortion or "jitter."
* **Fast Response Time:** Reacts in nanoseconds to prevent damage from rapid ESD events.
---
### 3. Pinout and Circuit Layout
In a standard 3-pin configuration (like the SOT-23 package), the internal circuitry usually looks like this:
```text
[Pin 3]
|
-------|-------
| | |
[Pin 1] | [Pin 2]
```
* **Pin 1 & 2:** Connected to the data lines or VCC lines requiring protection.
* **Pin 3:** Connected to the Ground (GND) to shunt excess current.
---
### 4. Application Use Cases
1. **USB Protection:** Placed near the USB connector to protect the internal controller from static when a cable is plugged in.
2. **Portable Electronics:** Used in tablets and smartphones due to the small footprint and low power leakage.
3. **Sensor Protection:** Guards analog sensor inputs from industrial noise or surges.
---
- ⤷
What is the maximum peak pulse current (Ipp) for the AS4V-S13-R?
- ⤷ Can this part be used for high-speed HDMI 2.0 data lines?
- ⤷ What are the common equivalent alternatives for this protection diode?