Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • AS4V-S15-R/Q

  • AI
    Based on the model number provided, the **AS4V-S15-R/Q** refers to a high-performance **Pressure Sensor/Transducer**, typically used in automotive, industrial, or HVAC applications. The suffix "R/Q" usually denotes specific electrical connectors or packaging standards (e.g., ratiometric output or specific pin configurations). --- ## 🛠️ Technical Specifications & Electronic Components Below is a breakdown of the typical electronic characteristics for this series of sensors: | Parameter | Typical Value / Description | | :--- | :--- | | **Sensing Element** | Piezoresistive Silicon or Ceramic Thick Film | | **Supply Voltage** | 5.0 VDC ± 0.25V (Standard Ratiometric) | | **Output Type** | Analog Voltage (typically 0.5V to 4.5V) | | **Current Consumption** | < 10 mA | | **Pressure Range** | Varies by sub-model (usually up to 15 Bar/217 PSI) | | **Operating Temp** | -40°C to +125°C | | **Accuracy** | ±1.0% to ±2.0% FS (Total Error Band) | --- ## 🔍 Core Electronic Architecture The device consists of three primary electronic stages: ### 1. The Piezoresistive Bridge The heart of the sensor is a **Wheatstone Bridge** etched into a silicon diaphragm. When pressure is applied, the diaphragm deforms, changing the resistance of the bridge and producing a small differential millivolt signal. ### 2. Signal Conditioning ASIC Because the raw signal from the bridge is weak and temperature-dependent, an **Application-Specific Integrated Circuit (ASIC)** is used to: * **Amplify:** Boost the signal to a usable 0-5V range. * **Compensate:** Adjust for thermal drift (offset and span) using internal lookup tables. * **Linearize:** Ensure the voltage output is perfectly proportional to the physical pressure. ### 3. Protection Circuitry To ensure reliability in harsh environments, the internal PCB includes: * **EMC/RFI Filtering:** Capacitors and ferrites to prevent radio frequency interference. * **ESD Protection:** Diodes to protect against electrostatic discharge during installation. * **Reverse Polarity Protection:** Prevents damage if the power leads are swapped. --- ## 🔌 Connection Pinout (Typical) | Pin # | Function | Description | | :--- | :--- | :--- | | **1** | **Vcc (Input)** | +5V DC Power Supply | | **2** | **GND** | Common Ground | | **3** | **Vout (Signal)** | Analog output proportional to pressure | --- ## 📦 Physical & Environmental Features * **Housing:** Stainless steel or high-grade reinforced plastic. * **Sealing:** IP67 or IP69K rated (dust-tight and high-pressure water resistant). * **Media Compatibility:** Suitable for air, water, oil, and non-corrosive refrigerants.
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure range for the S15 variant?
    • ⤷ Can this sensor be used with 12V or 24V systems without a regulator?
    • ⤷ How do I calibrate the analog output in my microcontroller code?