AI

The **ASX02104-R** is a high-quality, miniature electromagnetic speaker component manufactured by **PUI Audio**. It is specifically designed for applications where space is limited but clear audio output is required.
---
## 1. Technical Specifications
The following table summarizes the key electrical and physical characteristics of the ASX02104-R:
| Parameter | Specification |
| :--- | :--- |
| **Rated Power** | 0.8 Watts |
| **Maximum Power** | 1.0 Watts |
| **Impedance** | 4 Ohms ± 15% |
| **Sound Pressure Level (SPL)** | 84 dB @ 0.8W / 0.1M |
| **Frequency Range** | 500 Hz ~ 20,000 Hz |
| **Resonant Frequency (Fo)** | 850 Hz ± 20% |
| **Magnet Material** | NdFeB (Neodymium) |
| **Dimensions** | 21mm x 14mm |
| **Weight** | ~2.3 grams |
---
## 2. Key Features and Construction
The ASX02104-R is engineered for durability and high-fidelity sound reproduction in small enclosures.
* **Neodymium Magnets:** Uses N38-grade Neodymium magnets, which provide a high magnetic flux density, allowing for high sensitivity despite the small size.
* **Space-Saving Design:** Its rectangular "pill" shape (21x14mm) allows it to fit into modern slim-profile electronics where circular speakers cannot.
* **Lead-Free (RoHS):** Complies with environmental standards for lead-free soldering and materials.
* **Paper Cone / Rubber Surround:** Typically utilizes materials that balance weight and rigidity to ensure clear mid-range frequencies.
---
## 3. Applications
Due to its 4-ohm impedance and high SPL, it is commonly used in the following categories:
1. **Handheld Devices:** Mobile radios, scanners, and GPS units.
2. **Medical Equipment:** Portable monitors and diagnostic tools that require audible alarms or voice prompts.
3. **IoT & Smart Home:** Security panels, smart thermostats, and doorbell cameras.
4. **Industrial Controls:** User interface feedback for control panels.
---
## 4. Integration Considerations
When designing a PCB or enclosure for the ASX02104-R, keep the following in mind:
* **Enclosure Volume:** To achieve the best bass response (closest to 500Hz), a sealed or ported rear chamber should be designed. Without an enclosure, "acoustic short-circuiting" will occur, resulting in very thin sound.
* **Polarity:** Ensure correct wiring (indicated by '+' and '-' markings) to maintain phase alignment, especially if using multiple speakers.
* **Driving Circuit:** Can be driven by a standard Class-D audio amplifier. Given the 4-ohm impedance, ensure the amplifier is stable at low loads.
- ⤷
What are the recommended enclosure dimensions for this specific speaker?
- ⤷ How does the 4-ohm impedance affect power consumption compared to an 8-ohm version?
- ⤷ Can this speaker be used in outdoor environments with high humidity?