ATS-04H-33-C2-R0
AI

The **ATS-04H-33-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or high-power transistors.
---
## Technical Specifications
The following table highlights the primary mechanical and thermal properties of this specific model:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 35mm x 35mm x 20mm |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 17.42°C/W (at 100 LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## Key Electronic/Thermal Features
### 1. Fin Design
This part utilizes **cross-cut fins**, which are designed to improve heat dissipation in environments where the airflow direction might be inconsistent. This multi-directional flow capability makes it more efficient than standard straight-fin heat sinks.
### 2. pushPIN™ Attachment System
The "04H" in the part number indicates a specific push-pin and spring mechanism. This provides:
* **Constant Pressure:** Ensures the heat sink is firmly pressed against the chip for maximum thermal transfer.
* **Easy Installation:** Simplifies the assembly process on the Printed Circuit Board (PCB) without the need for complex mounting hardware.
### 3. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**, a high-performance phase-change material. This fills the microscopic air gaps between the heat sink base and the electronic component, significantly reducing thermal resistance.
---
## Part Number Breakdown (Nomenclature)
Understanding the alphanumeric code helps identify the specific variant:
* **ATS**: Advanced Thermal Solutions (Manufacturer).
* **04H**: Indicates the attachment style and height (High-performance push-pin).
* **33**: Refers to the specific length/width footprint (35mm).
* **C2**: Refers to the Aluminum material and Blue Anodized finish.
* **R0**: Indicates the specific revision or packaging type.
---
## Applications
* **Embedded Systems:** Cools processors in compact industrial PCs.
* **Networking:** Used on switches and routers for ASICs.
* **Power Electronics:** Dissipates heat from Voltage Regulator Modules (VRMs).
- ⤷
What is the maximum power dissipation (in Watts) this heat sink can handle for a 20°C rise?
- ⤷ Does this model require specific hole diameters on the PCB for the push-pin installation?
- ⤷ How does the thermal resistance change at higher airflows
- ⤷ such as 500 LFM?