ATS-04H-34-C2-R0
AI

The **ATS-04H-34-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal properties.
| Specification | Details |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 14.33°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 35mm x 35mm |
| **Height** | 30mm |
| **Fin Type** | Fine Pitch (High Surface Area) |
---
### 2. Key Features
* **pushPIN™ Attachment:** This system features a pre-assembled push-pin and spring mechanism. It provides consistent pressure to ensure optimal thermal contact between the heat sink and the component.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodized layer provides increased corrosion resistance and slightly improves radiative heat transfer.
* **High Aspect Ratio:** The "34" series design utilizes a high fin density, which maximizes surface area for cooling in environments with forced airflow.
* **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied thermal interface (T766), which fills microscopic air gaps between the heat sink and the chip.
---
### 3. Application Use Cases
This part is typically found in the following electronic systems:
1. **Telecommunications:** Cooling of high-speed networking chips.
2. **Embedded Systems:** For industrial PCs where space is limited but thermal output is high.
3. **Power Electronics:** Managing heat for voltage regulators or power converters.
---
### 4. Dimensional Diagram (Approximate)
```text
35.00 mm (Length)
___________________
| |
| ||||||||||||| | 35.00 mm
| ||||||||||||| | (Width)
|___________________|
| |
|___| 30.00 mm (Height)
```
- ⤷
What are the different types of pushPIN attachment options for this heat sink?
- ⤷ How does the 'C2' designation in the part number affect the thermal material?
- ⤷ What is the recommended airflow (LFM) for optimal performance of the ATS-04H series?