ATS-05D-151-C2-R0
AI

The **ATS-05D-151-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" component cooling series, specifically designed for thermal management of electronic components like CPUs, GPUs, and high-power transistors.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal properties of the part:
| Property | Value / Specification |
| :--- | :--- |
| **Material** | Aluminum (Body), Steel (Spring) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 35.00 mm x 35.00 mm |
| **Height (H)** | 20.00 mm |
| **Fin Pitch** | Fine-Pitch |
| **Fin Pattern** | Straight |
| **Thermal Resistance** | 3.93°C/W (Unducted @ 1.0 m/s) |
---
### 2. Breakdown of the Model Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **05**: Attachment series (pushPIN™ style).
* **D**: Spring type (Steel).
* **151**: Specific dimensions and fin configuration code.
* **C2**: Material and Finish (Aluminum with Blue Anodized finish).
* **R0**: RoHS compliance status.
---
### 3. Key Electronic Cooling Features
#### Thermal Management
The "Fine-Pitch" design provides a high surface-area-to-volume ratio. This is critical for electronic components that generate significant heat in a small footprint, as it allows for efficient heat dissipation into the surrounding air.
#### Mounting Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, the ATS-05D-151-C2-R0 uses a mechanical push-pin system.
* **Pressure:** The spring-loaded pins provide precise, consistent pressure across the thermal interface material (TIM).
* **Stability:** It ensures the heat sink remains securely attached even in high-vibration environments (e.g., industrial servers).
#### Interface Material
These units often come with pre-applied **Thermal Interface Material (TIM)** on the base. This fills the microscopic air gaps between the component (e.g., a microprocessor) and the heat sink to maximize heat transfer.
---
### 4. Typical Applications
* **Embedded Systems:** Cooling for ARM-based processors.
* **Telecommunications:** Cooling for ASICs in switches and routers.
* **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the benefits of blue anodized finishes on heat sinks beyond aesthetics?
- ⤷ How do I calculate the required airflow for this specific thermal resistance?
- ⤷ Can this heat sink be used with a custom clip instead of push-pins?