ATS-06B-01-C3-R0
AI

The **ATS-06B-01-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the "push-pin" attachment series designed for cooling semiconductor components.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-Pin (Plastic/Brass) |
| **Heat Sink Type** | Straight Fin |
| **Base Dimensions** | 40mm x 40mm |
| **Height** | 10mm |
| **Thermal Resistance** | 22.05 °C/W (Unducted Flow @ 200 LFM) |
| **Thermal Interface Material** | T412 (Double-Sided Thermal Tape) |
---
### 2. Functional Components
This part is not an "active" electronic component (like a transistor) but a "passive" mechanical component essential for electronic reliability.
#### A. The Heat Sink Body
* **Fin Design:** It utilizes a high-density straight fin pattern. This increases the surface area exposed to air, allowing for efficient heat dissipation from the PCB component to the ambient environment.
* **Material Choice:** Aluminum is used for its high thermal conductivity and lightweight properties. The **Blue Anodized** coating protects against corrosion and improves emissivity.
#### B. The Push-Pin Attachment
* This model uses a specialized push-pin mechanism. This provides a secure, vibration-resistant mount to the PCB compared to standard adhesive methods.
* The pins are spring-loaded to ensure constant downward pressure, optimizing the contact between the heat sink and the chip.
#### C. Thermal Interface Material (TIM)
* The "C3" in the part number often indicates a specific pre-applied **Thermal Interface Material**.
* The TIM fills microscopic air gaps between the semiconductor surface and the heat sink base, significantly reducing thermal impedance.
---
### 3. Typical Applications
The ATS-06B-01-C3-R0 is commonly used to cool the following electronic parts:
* **BGA (Ball Grid Array) Packages:** High-speed processors and chipsets.
* **ASICs:** Application-specific integrated circuits in networking hardware.
* **FPGAs:** Field Programmable Gate Arrays that generate significant heat during operation.
---
### 4. Thermal Performance Comparison
Thermal resistance varies based on airflow (LFM - Linear Feet per Minute):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 22.05 |
| 400 | 2.0 | 5.91 |
| 600 | 3.0 | 4.07 |
- ⤷
How do I calculate the required PCB hole pattern for this push-pin heat sink?
- ⤷ What is the difference between T412 and other thermal interface materials used by ATS?
- ⤷ Are there taller versions of the ATS-06B series for higher heat dissipation?