ATS-06B-91-C3-R0
AI

The **ATS-06B-91-C3-R0** is a high-performance electronic thermal management component. Specifically, it is an aluminum heat sink designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The part number follows the standard Advanced Thermal Solutions (ATS) naming convention. Below are the primary specifications:
| Parameter | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink (Passive Cooling) |
| **Material** | Aluminum (Al) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Style** | Straight Fin |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Thermal Resistance** | 22.04 °C/W (@ 100 LFM) |
| **Color/Finish** | Blue Anodized |
| **Hardware included** | Spring, Brass Pin |
---
### 2. Physical Design & Features
This part is engineered for compact electronic environments where space is limited but high thermal conductivity is required.
* **pushPIN™ Attachment:** Unlike adhesive-based heat sinks, this uses a mechanical push-pin system. This ensures a consistent, pre-measured pressure (load) on the processor, which optimizes thermal interface material (TIM) performance.
* **Pre-Drilled Holes:** The heat sink comes with pre-drilled holes to match specific PCB layouts (33mm hole spacing for this series).
* **Material properties:** The aluminum construction is lightweight and provides excellent heat dissipation, while the **Blue Anodized** finish prevents corrosion and increases emissivity.
---
### 3. Performance Data (Airflow)
The effectiveness of the ATS-06B-91-C3-R0 depends heavily on the airflow (Linear Feet per Minute - LFM) within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 22.04 |
| 300 (1.5 m/s) | 10.33 |
| 500 (2.5 m/s) | 7.21 |
| 700 (3.5 m/s) | 6.00 |
---
### 4. Typical Applications
This component is commonly found in the following electronic hardware:
* **Networking Equipment:** Routers, switches, and bridges.
* **Embedded Systems:** Industrial PCs and IoT gateways.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
* **Microprocessors/BGA:** Cooling small BGAs or FPGAs.
- ⤷
What is the significance of the 'C3' code in the part number suffix?
- ⤷ How do I calculate the correct hole spacing on my PCB for this heat sink?
- ⤷ Can this heat sink be used with a fan for active cooling?