ATS-06F-161-C1-R0
AI

The **ATS-06F-161-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed for cooling electronic components like CPUs, GPUs, and other integrated circuits on a PCB.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-06F-161-C1-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Interface Material (TIM)** | No TIM (Customizable) |
---
## Physical Dimensions
Understanding the footprint is critical for PCB layout and ensuring there is no mechanical interference with surrounding components.
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height (Fin Height):** 20.00 mm
* **Pin-to-Pin Distance:** 38.00 mm
---
## Key Components & Features
### 1. Fin Design (XC Cut)
This model utilizes a **cross-cut (XC)** fin pattern. Unlike straight fins, cross-cut fins allow for multi-directional airflow. This is particularly useful in electronic enclosures where air may be turbulent or coming from various angles.
### 2. Attachment Mechanism
The "Push-Pin" system consists of:
* **Brass Pins:** Provide a secure mechanical connection to the PCB.
* **Compression Springs:** Ensure consistent downward pressure (clamping force) on the electronic chip, which is vital for efficient heat transfer to the heat sink base.
### 3. Material and Finish
* **Aluminum:** Lightweight with excellent thermal conductivity for most standard electronic applications.
* **Blue Anodizing:** This is not just for aesthetics; the anodized layer provides increased corrosion resistance and slightly improves thermal emissivity.
---
## Thermal Performance
The efficiency of this part depends on the airflow (measured in Linear Feet per Minute - LFM).
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 4.72 |
| 300 (1.5 m/s) | 2.09 |
| 500 (2.5 m/s) | 1.49 |
---
### Usage Note
When installing the **ATS-06F-161-C1-R0**, you must ensure the PCB has pre-drilled holes matching the 38mm pitch. Additionally, because this specific part number (C1) typically does not come with pre-applied Thermal Interface Material, you will need to apply thermal paste or a thermal pad manually.
- ⤷
What are the PCB hole size requirements for these brass push-pins?
- ⤷ How does blue anodizing specifically impact thermal emissivity compared to bare aluminum?
- ⤷ Are there variants of this heat sink that include pre-applied phase change material (TIM)?