Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ATS-07A-128-C2-R0

  • AI
    The **ATS-07A-128-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed for cooling high-power semiconductors and integrated circuits. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal properties. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Series** | pushPIN™ | | **Fin Type** | Straight Fin (provides high surface area) | | **Material** | Aluminum (AL6063) | | **Attachment Method** | Push-Pin (spring-loaded plastic or brass pins) | | **Finish** | Blue Anodized | | **Thermal Resistance** | ~2.90°C/W (at 100 LFM) | --- ### 2. Physical Dimensions Precision measurements are critical for PCB layout and clearance around other electronic components. | Dimension | Measurement | | :--- | :--- | | **Length/Width** | 54.00 mm x 54.00 mm | | **Height** | 25.00 mm | | **Pin Pitch** | 47.00 mm | | **Weight** | ~65 grams | --- ### 3. Key Electronic Components Features * **Push-Pin Attachment:** Unlike adhesive tapes, the push-pin mechanism provides a consistent pressure (Force) on the processor, improving the **Thermal Interface Material (TIM)** performance. * **C2 Material Grade:** The "C2" designation typically refers to the use of specific high-performance thermal interface materials (like T766) pre-applied to the base of the heat sink. * **R0 Compliance:** This indicates the product is RoHS-6 compliant, meaning it is free from hazardous substances like lead and mercury. --- ### 4. Application Use Cases This specific heat sink is commonly used for cooling the following electronic parts: 1. **CPUs and GPUs:** In embedded systems or industrial PCs. 2. **FPGAs:** Large programmable logic gates that generate significant heat. 3. **ASICs:** Application-specific chips found in networking hardware (routers/switches). 4. **Power Converters:** High-wattage DC-DC converters.
    ✨ Follow-up Questions
    • What is the significance of the 'Blue Anodized' finish in thermal management?
    • How does the air flow rate (LFM) affect the thermal resistance of this heat sink?
    • What are the compatible push-pin materials for this specific model?