ATS-07A-133-C2-R0
AI

The **ATS-07A-133-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is a passive electronic component designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or power transistors, to ensure they remain within safe operating temperatures.
Below is a detailed breakdown of its specifications and electronic integration characteristics.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Thermal Resistance (Flowing)** | 7.42°C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 2.22°C/W (at high airflow) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Dimensions** | 70mm x 70mm x 10mm |
---
### 2. Physical Design Features
* **Heat Sink Profile:** This is a "Low Profile" heat sink (only 10mm high), making it ideal for compact electronic enclosures or 1U server chassis.
* **Fin Style:** It utilizes a **Straight Fin** design, which provides a large surface area for air to pass through, optimized for forced-air cooling (fan-driven).
* **Blue Anodized Finish:** The surface treatment is not just aesthetic; anodizing increases surface emissivity and provides a layer of protection against environmental corrosion.
---
### 3. Mounting and Electronic Integration
The part number indicates a specific mounting mechanism and thermal interface:
1. **Push-Pin Attachment:** The "ATS-07" series uses a push-pin and spring mechanism. This ensures consistent pressure on the electronic component, which is critical for maximizing thermal transfer.
2. **Thermal Interface Material (TIM):** This model typically comes with **T412** phase-change material or high-performance thermal tape pre-applied to the base. This fills the microscopic air gaps between the heat sink and the chip.
3. **Hole Pattern:** It requires specific pre-drilled holes in the PCB (Printed Circuit Board) to lock the pins in place.
---
### 4. Thermal Performance Comparison
Thermal resistance ($\theta$) is measured in degrees Celsius per Watt (°C/W). A lower number means better cooling.
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Thermal Resistance** | 7.42 | 3.38 | 2.42 | 2.01 | 1.77 |
---
### 5. Summary of Part Number Suffixes
* **C2:** Refers to the thermal performance class and specific attachment kit (usually plastic push-pins).
* **R0:** Indicates the revision status and that the product is RoHS (Restriction of Hazardous Substances) compliant.
- ⤷What is the recommended PCB hole size for the ATS push-pin mounting system?
- ⤷ How does the 10mm height affect the cooling efficiency compared to taller heat sinks?
- ⤷ What is the difference between the C1 and C2 variants of this heat sink series?