ATS-07D-41-C2-R0
AI

The **ATS-07D-41-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance **Heat Sink** designed for cooling electronic components such as CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm x 25mm |
| **Thermal Resistance** | 10.02 °C/W (Unducted Flow @ 100 LFM) |
| **Attachment Type** | Push-Pin (Stainless Steel / Plastic) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## 2. Key Electronic & Mechanical Design Parts
### A. The Heat Sink Body (Fins)
The "41" in the part number indicates a specific fin pattern. This model typically features **straight fins** or a **cross-cut** design.
* **Purpose:** To increase the surface area in contact with the air.
* **Material:** Made of aluminum for high thermal conductivity and low weight.
### B. The Attachment Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, this uses a **Push-Pin** system.
* **Hardware:** It includes two stainless steel or plastic pins and a high-performance compression spring.
* **Benefit:** Provides consistent pressure (force) against the electronic component, ensuring optimal thermal contact and preventing the sink from shifting due to vibration.
### C. Thermal Interface Material (TIM)
The base of the heat sink comes pre-applied with **T766 phase-change material**.
* **Electronic Role:** It fills microscopic air gaps between the heat sink and the semiconductor package.
* **Impact:** Significantly lowers the contact resistance, allowing heat to flow efficiently from the silicon die to the aluminum fins.
### D. Anodized Finish
The **Blue Anodized** coating is not just for aesthetics.
* **Protection:** It provides corrosion and wear resistance.
* **Performance:** Anodizing slightly increases the emissivity of the surface, aiding in heat dissipation through radiation.
---
## 3. Typical Applications
This component is used to manage the thermal profile of:
* **ASICs and FPGAs:** Used in networking gear where airflow is controlled.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
* **Embedded Systems:** Industrial PCs where mechanical stability is required.
- ⤷
What is the significance of the 10.02 °C/W thermal resistance rating in a real-world circuit?
- ⤷ How do I choose between a push-pin attachment and an adhesive thermal tape?
- ⤷ Are there specific PCB hole patterns required for the ATS-07D-41-C2-R0?