ATS-07F-77-C2-R0
AI

The **ATS-07F-77-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 9.30°C/W (at 200 LFM) |
| **Dimensions (L x W)** | 25mm x 25mm |
| **Height (Fin Height)** | 20mm |
| **Mounting Type** | Push Pin (Brass) |
| **Fin Style** | Cross-Cut (Omni-directional) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## 2. Key Features
### A. Cross-Cut Fin Design
Unlike straight-fin heat sinks, the **cross-cut** design allows for airflow from any direction. This makes it highly efficient in crowded PCB environments where the direction of the cooling fan's airflow might be turbulent or angled.
### B. Push Pin Attachment Mechanism
* **Ease of Assembly:** It uses a brass push pin with a built-in spring. This ensures a consistent and secure downward pressure on the electronic component.
* **Reliability:** The spring-loaded mechanism compensates for thermal expansion and vibration, maintaining contact between the chip and the heat sink.
### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the heat sink and the chip, significantly reducing thermal resistance compared to air.
---
## 3. Performance Summary
The efficiency of this heat sink depends heavily on the airflow (Linear Feet per Minute - LFM):
* **@ 200 LFM:** 9.30 °C/W
* **@ 400 LFM:** 5.21 °C/W
* **@ 600 LFM:** 4.19 °C/W
*Note: A lower °C/W value indicates better heat dissipation performance.*
---
## 4. Application Use Cases
1. **Networking Hardware:** Switches and routers where internal airflow is often restricted.
2. **Embedded Systems:** Industrial PCs that operate in high-temperature environments.
3. **Power Supplies:** Cooling voltage regulators or power MOSFETs.
- ⤷
What are the PCB hole requirements for the brass push pins on this model?
- ⤷ Can the T766 thermal interface material be replaced with standard thermal paste?
- ⤷ Is there a version of this heat sink with a higher fin height for better cooling?