Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ATS-07H-40-C2-R0

  • AI
    The **ATS-07H-40-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic or Brass) | | **Thermal Resistance** | 14.56°C/W (Unducted Flow @ 100 LFM) | | **Shape** | Square Fin | --- ### Physical Dimensions Proper clearance is vital when integrating this part onto a Printed Circuit Board (PCB). * **Length:** 45.00 mm * **Width:** 45.00 mm * **Height:** 15.00 mm * **Pitch (Hole spacing):** 38.00 mm --- ### Key Components and Features 1. **High-Efficiency Fins:** The part uses a square fin design which provides a large surface area for heat exchange relative to its height (15mm). 2. **Push-Pin Attachment:** Instead of messy adhesives or difficult clips, it uses a pre-assembled push-pin mechanism. This ensures consistent pressure on the electronic component, improving thermal transfer. 3. **Thermal Interface Material (TIM):** The "-R0" designation typically implies the inclusion of a high-performance **T766 phase-change material** or thermal pad pre-applied to the base, ensuring no air gaps exist between the heat sink and the chip. 4. **Blue Anodized Coating:** This is not just for aesthetics; the anodization increases the surface emissivity and protects the aluminum from corrosion and electrical conductivity risks. ### Application Usage This part is commonly found in: * **Embedded Systems:** Industrial PCs where space is limited. * **Networking Gear:** Routers and switches that require passive or low-airflow cooling. * **Power Supplies:** Cooling MOSFETs or Voltage Regulators (VRMs).
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 100 LFM airflow rating for this heat sink?
    • ⤷ Can the push-pin hardware be replaced with screws for more secure mounting?
    • ⤷ How does the 'C2' suffix in the part number affect the material properties?