ATS-08B-07-C3-R0
AI

The **ATS-08B-07-C3-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for cooling electronic components such as CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Plastic push pins) |
| **Base Dimensions** | 45mm x 45mm |
| **Height** | 12.7mm |
| **Thermal Resistance** | 17.09 °C/W (at 100 LFM) |
| **Fin Pattern** | COARSE-PITCH |
---
### 2. Breakdown of Part Number Nomenclature
Understanding the part number helps in identifying its features:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **08B**: Refers to the specific product series/family.
* **07**: Specific sizing code for the heat sink profile.
* **C3**: Indicates the Thermal Interface Material (TIM) and color. "C3" typically refers to an **aluminum body with a Blue Anodized finish** and a pre-applied high-performance TIM.
* **R0**: Revision or packaging indicator.
---
### 3. Key Electronic Functions
While the heat sink itself is a passive mechanical part, its role in an electronic circuit is critical for the following reasons:
1. **Thermal Management**: It dissipates heat generated by semiconductor junctions to prevent "thermal throttling" or permanent hardware failure.
2. **Increased Component Lifespan**: By keeping the operating temperature of a chip low, it reduces the rate of Arrhenius-style degradation in silicon.
3. **Mechanical Stability**: The **pushPIN™** system uses a compression spring to provide a consistent force, ensuring the thermal interface material makes optimal contact with the chip surface without damaging the PCB.
---
### 4. Application Use-Cases
* **BGA Packaging**: Ideal for cooling Ball Grid Array (BGA) components.
* **Embedded Systems**: Used in industrial PCs where airflow might be limited.
* **Power Electronics**: Cooling voltage regulators and high-speed controllers.
- ⤷What is the difference between COARSE-PITCH and FINE-PITCH in ATS heat sinks?
- ⤷ How do I calculate if the 17.09 °C/W thermal resistance is sufficient for my CPU?
- ⤷ What are the compatible PCB hole sizes for the pushPIN attachment system?