ATS-08F-68-C2-R0
AI

The **ATS-08F-68-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 15.31°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 15.00mm |
---
## 2. Component Design & Anatomy
### A. Fin Profile (Cross-Cut)
The "68" in the part number indicates a specific fin pattern. This model features **Straight Fins** that are cross-cut into rectangular blocks. This design:
* Increases surface area.
* Allows for multi-directional airflow (versatile for different fan orientations).
* Reduces the pressure drop across the heat sink.
### B. Attachment Mechanism (Push-Pin)
Instead of adhesive tapes, this part uses a **spring-loaded push-pin** system.
* **Benefits:** Provides consistent "TIM" (Thermal Interface Material) pressure, ensuring better heat transfer.
* **Stability:** It is more secure than tape in high-vibration environments.
### C. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just for aesthetics; the anodized layer provides corrosion resistance and slightly improves "emissivity," which helps with radiant heat transfer.
---
## 3. Thermal Performance Analysis
The effectiveness of this part depends heavily on the **Air Velocity** (measured in Linear Feet per Minute - LFM):
| Air Velocity | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 LFM** | 15.31 |
| **300 LFM** | 5.07 |
| **500 LFM** | 3.52 |
| **700 LFM** | 2.84 |
*Note: Lower °C/W values indicate better cooling efficiency.*
---
## 4. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Networking:** Routers, switches, and high-speed modems.
* **Power Electronics:** Cooling MOSFETs or power regulators.
- ⤷
What are the specific hole patterns required on a PCB to mount this heat sink?
- ⤷ How does 'Blue Anodized' compare to 'Black Anodized' in terms of thermal performance?
- ⤷ What is the recommended Thermal Interface Material (TIM) for use with the ATS-08F series?