Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ATS-10F-41-C3-R0

  • AI
    The **ATS-10F-41-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. --- ## 1. Technical Specifications The part number follows a specific nomenclature used by ATS. Below are the primary specifications: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (AL6063) | | **Attachment Method** | Push-Pin (with Compression Spring) | | **Dimensions** | 40mm x 40mm x 25mm | | **Thermal Resistance** | 10.07°C/W (Unducted Flow @ 100 LFM) | | **Finish** | Blue Anodized | | **TIM (Interface Material)** | T412 (High Efficiency) | --- ## 2. Component Breakdown The assembly consists of several distinct electronic-mechanical parts that work together: ### A. The Heat Sink (Body) * **Fin Style:** Straight-fin design optimized for airflow. * **Aluminum 6063:** Chosen for its high thermal conductivity and structural integrity. * **Anodized Coating:** The "Blue Anodized" finish is not just for aesthetics; it provides corrosion resistance and slightly improves radiative heat transfer. ### B. The Push-Pin Mechanism * **Plastic/Brass Pins:** Used to secure the heat sink to the PCB (Printed Circuit Board). * **Springs:** Provides a consistent "Force-on-Force" (clamping pressure) between the heat sink and the component, ensuring the Thermal Interface Material (TIM) is compressed for maximum efficiency. ### C. Thermal Interface Material (TIM) * **Pre-applied T412:** This is a phase-change or high-performance thermal grease pre-applied to the base. It fills microscopic air gaps between the chip surface and the heat sink base to lower thermal resistance. --- ## 3. Key Applications This specific part size (40mm) is commonly found in: 1. **Networking Hardware:** Routers, switches, and modems. 2. **Industrial PCs:** Embedded systems requiring passive or active cooling. 3. **Power Supplies:** Cooling voltage regulators or power MOSFETs. --- ## 4. Part Number Decoder Understanding the "ATS-10F-41-C3-R0" string: * **ATS:** Manufacturer (Advanced Thermal Solutions). * **10:** Series type. * **F:** Fin pitch/Density. * **41:** Length/Width dimension (approx 40-41mm). * **C3:** Finish/Color (Blue Anodized). * **R0:** Revision code. ---
    ✨ Follow-up Questions
    • What are the mounting hole requirements for the push-pin mechanism on this heat sink?
    • How does the T412 thermal interface material compare to standard thermal paste?
    • Is this heat sink suitable for natural convection or does it require a fan?