ATS-10F-72-C2-R0
AI

The **ATS-10F-72-C2-R0** is a high-performance thermal management component manufactured by **Advanced Thermal Solutions, Inc.** It belongs to the **pushPIN™** series of heat sinks, designed for efficient cooling of electronic components like CPUs, GPUs, and power transistors.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Unducted)** | 5.11 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Pitch** | Fine Pitch |
| **Pattern** | XC-CUT |
---
### 2. Key Component Features
#### A. Thermal Design
* **XC-CUT Pattern:** The fin design is optimized for cross-cut airflow. This allows air to enter the heat sink from multiple directions, making it ideal for systems where airflow direction might be inconsistent.
* **Material:** Made from high-grade aluminum for a balance between thermal conductivity and lightweight properties.
#### B. Mechanical Attachment (pushPIN™)
The "R0" designation refers to the specific attachment mechanism:
* **Push-Pins:** These provide a secure, vibration-resistant mount to the PCB.
* **Springs:** High-tension springs ensure consistent pressure across the interface between the heat sink and the electronic chip, which is critical for maximizing heat transfer.
#### C. Environmental Resistance
* **Anodization:** The blue anodized coating prevents oxidation and corrosion while slightly increasing the surface emissivity for better radiant heat dissipation.
---
### 3. Usage Context
This part is typically used in the following scenarios:
* **Networking Equipment:** Cooling chips in routers and switches.
* **Embedded Systems:** For industrial computers where space is limited but heat generation is high.
* **Power Supplies:** Managing the thermal load of MOSFETs or voltage regulators.
---
- ⤷
How do I calculate the required airflow (LFM) for this heat sink?
- ⤷ What is the difference between XC-CUT and straight-fin heat sinks?
- ⤷ Are there different spring tensions available for the pushPIN system?