ATS-11F-151-C2-R0
AI

The **ATS-11F-151-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** line, designed for efficient thermal management of electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-11F-151-C2-R0 |
| **Material** | Aluminum |
| **Fin Type** | Straight |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Flowing)** | 3.99°C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 20.00mm |
| **Thermal Interface Material** | T766 (Pre-applied phase change material) |
| **Finish** | Blue Anodized |
---
## 2. Key Component Analysis
### A. The Heat Sink Body
The body is constructed from aluminum for high thermal conductivity and lightweight properties. The **Straight Fin** design is optimized for environments with high-velocity airflow, allowing air to pass through the channels and carry away heat efficiently.
### B. pushPIN™ Attachment System
This part uses a specific pushPIN™ mechanism. This system replaces traditional adhesive or bolt-on methods:
* **Ease of Install:** Uses a spring-loaded pin to snap into pre-drilled holes in the PCB.
* **Constant Pressure:** The spring ensures consistent contact pressure between the heat sink and the component, which is critical for thermal transfer.
### C. Thermal Interface Material (TIM)
The **C2** in the part number indicates the use of **T766** thermal material. This is a high-performance phase-change material that fills microscopic air gaps between the component and the heat sink base, significantly reducing thermal resistance.
---
## 3. Physical Dimensions
Understanding the footprint is vital for PCB layout and clearance planning.
| Dimension | Value (mm) |
| :--- | :--- |
| **Width (A)** | 35.00 |
| **Length (B)** | 35.00 |
| **Height (C)** | 20.00 |
| **Pitch (E)** | 40.00 (Hole spacing) |
| **Pitch (F)** | 40.00 (Hole spacing) |
---
## 4. Ordering Code Breakdown
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **11**: Series (pushPIN™ Heat Sink).
* **F**: Fine Pitch/Straight Fin geometry.
* **151**: Specific dimensions/thermal profile.
* **C2**: Material/Finish code (Blue Anodized + T766 TIM).
* **R0**: RoHS Compliant.
- ⤷
What is the hole diameter required on the PCB for the pushPIN attachment?
- ⤷ How does the T766 thermal material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?