ATS-12B-93-C2-R0
AI

The **ATS-12B-93-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their **maxiFLOW™** heat sink series designed for thermal management of electronic components like CPUs, GPUs, and ASICs.
---
### 1. Component Specification Overview
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-12B-93-C2-R0 |
| **Component Type** | Heat Sink (Thermal Management) |
| **Material** | Aluminum |
| **Fin Style** | Straight (maxiFLOW™) |
| **Attachment Method** | pushPIN™ |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Dimensions (L x W x H)** | 40.0mm x 40.0mm x 20.0mm |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
* **ATS**: Manufacturer prefix (Advanced Thermal Solutions).
* **12B**: Refers to the specific product series/chassis.
* **93**: Specific design configuration and height indicator.
* **C2**: Material/Finish code (Blue Anodized Aluminum).
* **R0**: Revision or packaging code.
---
### 3. Key Electronic/Thermal Features
#### A. Thermal Resistance
This part is designed to dissipate heat efficiently from high-performance semiconductors. The "maxiFLOW" design features a flared fin structure which increases the surface area for air convection while maintaining a low pressure drop.
#### B. pushPIN™ Attachment
Unlike simple adhesive-backed heat sinks, the **R0** variant typically utilizes the **pushPIN™** assembly. This provides:
* **Constant Pressure:** Ensures the thermal interface material (TIM) is compressed evenly against the chip.
* **Mechanical Stability:** Prevents the heat sink from shifting during vibration or shipping.
* **Ease of Installation:** Uses a spring-loaded pin that snaps into pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied. T766 is a high-performance thermal grease or phase-change material that fills microscopic air gaps between the component die and the heat sink base, significantly lowering thermal resistance.
---
### 4. Common Applications
* **Networking Hardware:** Routers, switches, and gateways.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Cooling MOSFETs or power modules.
* **Telecommunications:** Base station hardware and signal processing units.
- ⤷What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate if this heat sink is sufficient for a 10W chip?
- ⤷ What are the standard PCB hole patterns for pushPIN attachments?