ATS-12B-96-C2-R0
AI

The **ATS-12B-96-C2-R0** is a specific high-performance electronic thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW™" heat sink series, designed specifically for cooling electronic integrated circuits (ICs) like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 30mm |
| **Thermal Resistance** | 1.17°C/W (@ 200 LFM) |
| **Airflow Path** | High-performance MaxiFLOW™ spread fin |
| **RoHS Status** | Compliant |
---
### 2. Breakdown of the Part Number
The part number follows a specific coding convention used by Advanced Thermal Solutions:
* **ATS:** Manufacturer prefix (Advanced Thermal Solutions).
* **12B:** Refers to the specific series and mechanical design.
* **96:** Refers to the specific footprint and internal dimensions code.
* **C2:** Refers to the finish (Blue Anodized).
* **R0:** Revision code (Standard production).
---
### 3. Key Electronic Functions
While the heat sink itself is passive (it does not require power), it is critical for the survival of active electronic components:
* **Heat Dissipation:** It increases the surface area of the heat source, allowing ambient air to carry away thermal energy generated by semiconductor switching.
* **Thermal Interface:** It is typically paired with a **Thermal Interface Material (TIM)** or phase-change pad to fill microscopic air gaps between the chip and the aluminum.
* **pushPIN™ Attachment:** This specific model uses a spring-loaded mechanism. This ensures constant, even pressure on the silicon die, which prevents mechanical stress while optimizing thermal conductivity.
---
### 4. Typical Applications
This part is commonly found in high-density electronic environments:
1. **Networking Hardware:** High-speed routers and switches.
2. **Server Blades:** Where vertical clearance is limited but high airflow is present.
3. **Industrial Controls:** Cooling power modules that operate in high-temperature environments.
- ⤷
What are the different types of pushPIN attachment options for this heat sink?
- ⤷ How does blue anodization affect the thermal performance compared to a black finish?
- ⤷ What is the recommended Thermal Interface Material (TIM) for the ATS-12B series?