ATS-13F-99-C1-R0
AI

The **ATS-13F-99-C1-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
This part belongs to the **pushPIN™** heat sink assembly series. Below are the primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance** | 11.49°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Fin Style** | Fine Pitch (Cross-Cut) |
| **Thermal Interface Material (TIM)** | NO TIM (Pre-applied options vary, usually "None") |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the physical characteristics:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **13**: Series type (likely refers to the attachment style/height category).
* **F**: Fin Pitch (Fine).
* **99**: Specific dimension/pattern identifier.
* **C1**: Material/Finish (Aluminum with Blue Anodize).
* **R0**: Revision or specific packaging/kit code.
---
### 3. Key Components & Design
1. **Heat Sink Body**: Constructed from extruded aluminum to provide a high surface-area-to-weight ratio for heat dissipation.
2. **Cross-Cut Fin Design**: The fins are cut horizontally and vertically. This allows for multi-directional airflow, making it effective in systems where the direction of the cooling fan's exhaust might vary.
3. **Push-Pin Attachment**: This model uses a plastic push-pin and a compression spring. This ensures a consistent force (pressure) between the heat sink and the chip, which is critical for maximizing thermal transfer.
---
### 4. Application
This component is typically used in:
* **Networking Hardware**: Switches, routers, and gateways.
* **Embedded Systems**: Industrial PCs and control units.
* **Power Supplies**: To cool MOSFETs or voltage regulators.
* **CPUs/GPUs**: Low-profile cooling for specialized processors.
- ⤷
What are the alternative attachment methods for ATS heat sinks?
- ⤷ How does the 'LFM' (Linear Feet per Minute) rating affect the thermal resistance of this part?
- ⤷ Does this model come with pre-applied thermal grease?