ATS-14A-159-C2-R0
AI

The **ATS-14A-159-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, GPUs, and power modules.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push Pin (Plastic) |
| **Thermal Resistance** | 2.09 °C/W (at 200 LFM) |
| **Thermal Resistance (Static)** | 10.70 °C/W |
| **Weight** | ~45 Grams |
---
### 2. Physical Dimensions
The dimensions are critical for ensuring the heat sink fits within the spatial constraints of a Printed Circuit Board (PCB).
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height:** 10.00 mm (Low profile)
* **Pitch (Hole Spacing):** 38.00 mm
---
### 3. Key Component Features
#### A. Fin Design (Cross-Cut)
This model utilizes a **cross-cut fin** pattern. Unlike straight fins, cross-cut patterns create many smaller square or rectangular pillars. This increases surface area and allows air to flow through the heat sink from multiple directions (omni-directional), making it ideal for systems where the airflow direction might be inconsistent.
#### B. Attachment Mechanism (Push Pin & Spring)
The "R0" suffix indicates a specific mounting kit:
* **Push Pins:** Made of durable plastic, these allow for quick installation into pre-drilled PCB holes.
* **Compression Springs:** These provide consistent downward pressure (clamping force) to ensure the thermal interface material (TIM) makes perfect contact with the electronic chip.
#### C. Thermal Interface Material (TIM)
The unit typically comes with **T766** pre-applied. T766 is a high-performance thermal phase-change material that fills microscopic air gaps between the chip and the aluminum base to maximize heat transfer.
---
### 4. Application Use Cases
This specific heat sink is commonly used for:
1. **Network Switches/Routers:** Cooling BGAs (Ball Grid Arrays) and FPGAs.
2. **Industrial PCs:** Compact systems where height is limited to 10mm.
3. **Power Supplies:** Heat dissipation for MOSFETs or voltage regulators.
---
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate if the 2.09 °C/W thermal resistance is sufficient for my component?
- ⤷ Can this heat sink be mounted using thermal adhesive instead of push pins?