ATS-17D-159-C1-R0
AI

The **ATS-17D-159-C1-R0** is a high-performance electronic component specifically designed for thermal management. Manufactured by **Advanced Thermal Solutions (ATS)**, this part is a specialized "push-pin" heat sink used to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-17D-159-C1-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 2.09°C/W (@ 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Fin Style** | XCUT (Cross-cut) |
| **Thermal Interface Material (TIM)** | ATS-51 (Phase Change Material) |
---
### 2. Key Electronic Features
#### A. XCUT Fin Design
Unlike standard straight-fin heat sinks, the XCUT design features a cross-cut pattern. In an electronic enclosure, this allows for **multi-directional airflow**, meaning the heat sink remains efficient even if the air is not blowing directly parallel to the fins.
#### B. Push-Pin Attachment
The "-R0" suffix indicates a specific hardware configuration. This model uses plastic push-pins and a high-tension spring system.
* **Purpose:** To provide consistent pressure across the surface of the chip.
* **Safety:** Ensures that the heat sink does not shift during vibration or shipping, which could damage the delicate silicon die.
#### C. Integrated Thermal Interface Material (TIM)
The part comes pre-applied with **ATS-51**. This is a high-performance thermal pad or phase-change material that fills the microscopic air gaps between the chip and the aluminum base, significantly reducing thermal impedance.
---
### 3. Applications
This specific heat sink is commonly found in the following electronic environments:
* **Telecommunications:** Cooling high-speed networking switches.
* **Embedded Systems:** Small form-factor industrial PCs.
* **Power Supplies:** Managing heat for MOSFETs or voltage regulators.
---
### 4. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
```markdown
- @ 100 LFM: 3.47 °C/W
- @ 200 LFM: 2.09 °C/W
- @ 400 LFM: 1.41 °C/W
- @ 600 LFM: 1.13 °C/W
```
- ⤷
What are the mounting hole requirements for the push-pins on this model?
- ⤷ How does the blue anodized finish affect the heat sink's performance?
- ⤷ Can the pre-applied thermal material be replaced with liquid thermal paste?