ATS-18B-180-C2-R0
AI

The **ATS-18B-180-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Heat Sink Type** | Push-Pin (BGA) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 3.32°C/W (at 200 LFM) |
| **Dimensions** | 35mm x 35mm x 35mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Interface Material** | T766 (High performance) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the product's attributes:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **18B**: Refers to the specific series and mounting hole configuration.
* **180**: Identifies the specific dimensions (35x35x35mm).
* **C2**: Indicates the material/finish (Aluminum with Blue Anodized coating).
* **R0**: Refers to the version or revision (Standard RoHS compliant version).
---
### 3. Key Features
* **High Aspect Ratio Fins:** The "cross-cut" fin design allows for multi-directional airflow, which is ideal for systems where the fan direction might vary or be restricted.
* **Pre-assembled Attachment:** It comes with pre-drilled holes and brass push-pins. These use a compression spring to ensure even pressure across the component, maximizing thermal contact.
* **Pre-applied TIM:** The unit includes a pre-applied **Thermal Interface Material (T766)**, which fills microscopic air gaps between the chip and the heat sink base to improve heat transfer efficiency.
* **Blue Anodized Finish:** This provides extra surface protection against corrosion and enhances radiation heat transfer.
---
### 4. Application Use-Cases
1. **Telecommunications:** Cooling of high-speed networking processors.
2. **Embedded Systems:** Industrial PCs where high-density components are packed in small enclosures.
3. **Power Electronics:** Dissipating heat from high-wattage voltage regulators or power modules.
- ⤷
What are the airflow requirements to achieve the 3.32°C/W thermal resistance?
- ⤷ Are there alternative mounting options if push-pins are not supported by the PCB?
- ⤷ How does the blue anodized finish compare to black anodized in terms of thermal performance?