AI

## Technical Overview of ATS-18B-91-C2-R0
The **ATS-18B-91-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, designed specifically for cooling electronic components like BGA (Ball Grid Array) packages, CPUs, or GPUs that require efficient heat dissipation in high-velocity airflow environments.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-18B-91-C2-R0 |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Material** | Aluminum (Body), Copper (Optional Base) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 6.39°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions** | 40.00mm x 40.00mm x 10.00mm |
---
### 2. Major Components and Design Features
#### A. The Heat Sink Body (maxiFLOW™ Design)
The "maxiFLOW" geometry features a spread-fin pattern. Unlike standard straight fins, these fins are tapered and angled.
* **Purpose:** This design maximizes the surface area and increases turbulence, which improves heat transfer from the metal to the surrounding air.
* **Effect:** It reduces the "pressure drop," allowing air to flow through the fins more easily compared to traditional high-density heat sinks.
#### B. pushPIN™ Attachment System
Instead of using messy thermal adhesives or simple clips, this part uses the **pushPIN™** system.
* **Components:** It consists of a plastic or metal pin and a high-tension compression spring.
* **Advantage:** It ensures a precise and consistent "clamping force" against the electronic chip. This optimizes the contact between the chip and the heat sink, minimizing thermal resistance.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number often indicates the type of thermal interface material pre-applied to the base.
* **Function:** This is a phase-change material or thermal grease that fills microscopic air gaps between the heat sink and the component.
* **Impact:** Without a high-quality TIM, even the best heat sink will fail because air is a poor conductor of heat.
---
### 3. Thermal Performance Metrics
Performance is measured by **Thermal Resistance (θja)**. Lower values are better.
* **@ 200 LFM (Linear Feet per Minute):** 6.39 °C/W
* **@ 500 LFM:** 3.43 °C/W
* **@ 800 LFM:** 2.62 °C/W
*Note: As airflow increases, the efficiency of the heat sink increases significantly.*
---
### 4. Application Use-Cases
This specific part is typically found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Computing:** Industrial motherboards and single-board computers (SBCs).
3. **Power Supplies:** Cooling MOSFETs or power regulators.
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM for my specific electronic component?
- ⤷ Can this heat sink be used with a custom mounting bracket instead of pushPINs?