ATS-18B-98-C1-R0
AI

The **ATS-18B-98-C1-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling electronic components like CPUs, GPUs, or power transistors.
Produced by *Advanced Thermal Solutions (ATS)*, this part belongs to the **maxiFLOW™** series, known for its unique flared fin design that maximizes airflow.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 1.51°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 15.00mm |
| **Fin Configuration** | Flared (Spread) Fins |
| **TIM (Thermal Interface Material)** | Pre-applied T766 Phase Change Material |
---
### 2. Key Features
* **pushPIN™ Attachment:** This allows for a secure, high-pressure fit to the PCB. It uses a brass pin and a stainless steel spring to ensure the heatsink remains in contact with the heat source during vibration or shipping.
* **maxiFLOW™ Geometry:** The fins are not straight; they flare outward. This design increases the surface area and reduces "pressure drop," allowing more air to pass through the fins from the cooling fan.
* **Pre-Applied TIM:** The base comes with a high-performance thermal interface material (T766), which eliminates the need for manual thermal paste application and ensures uniform heat transfer.
---
### 3. Electronic Application
This part is typically used in the following electronic environments:
1. **Telecommunications:** Cooling high-speed data processors.
2. **Power Supplies:** Dissipating heat from MOSFETs or IGBTs.
3. **Embedded Systems:** Protecting industrial motherboards from thermal throttling.
4. **Automotive:** Managing heat in ADAS (Advanced Driver Assistance Systems) modules.
---
### 4. Thermal Performance Comparison
The effectiveness of this heatsink depends on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 1.51 |
| 400 (2.0 m/s) | 0.90 |
| 600 (3.0 m/s) | 0.72 |
- ⤷
What are the PCB hole requirements for the pushPIN attachment?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heatsink be customized for different height constraints?