ATS-18F-16-C2-R0
AI

The **ATS-18F-16-C2-R0** is a specific electronic component primarily classified as a **High-Performance Heat Sink**. It is manufactured by *Advanced Thermal Solutions (ATS)* and belongs to their "blueICE" or "push-pin" series designed for cooling integrated circuits (ICs) and other PCB components.
---
## 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Thermal Resistance** | 18.08°C/W (at 100 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Mounting Type** | Push-Pin (Spring Loaded) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 10.00mm |
---
## 2. Key Electronic Features
### A. Material & Efficiency
The device is made of **Aluminum 6063**, which is the industry standard for high thermal conductivity while remaining lightweight. The "C2" designation in the part number indicates the use of **T766 High-Performance Thermal Interface Material (TIM)**, pre-applied to the base to ensure optimal heat transfer from the chip to the sink.
### B. Fin Design
This specific model utilizes a **Straight Fin** pattern. Straight fins are optimized for systems with high-velocity airflow (active cooling), providing low pressure drop and efficient heat dissipation.
### C. Attachment Mechanism
The **R0** suffix indicates a push-pin attachment system. This is critical for electronic assembly because:
* It provides a **consistent pressure** across the component, preventing damage to delicate solder balls (BGA).
* It is faster to install in mass production compared to adhesive tapes or screws.
* The springs are usually made of brass or steel to maintain tension over the product's lifespan.
---
## 3. Applications
This heat sink is typically found in:
* **Networking Hardware:** Routers and switches.
* **Embedded Computing:** High-end industrial PCs.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
* **Processors:** Low-profile BGA (Ball Grid Array) packages where vertical space is limited to 10mm.
---
- ⤷
What is the difference between Blue Anodized and Black Anodized finishes in terms of thermal performance?
- ⤷ How do I calculate the correct spring tension for a Push-Pin heat sink?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied T766?