ATS-50400B-C1-R0
AI

The **ATS-50400B-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, designed specifically for cooling electronic components such as processors, FPGAs, and ASICs in high-airflow environments.
---
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of this component:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 7.60mm |
| **Thermal Resistance** | 3.50°C/W (at 200 LFM) |
| **RoHS Status** | Compliant |
---
### 2. Key Electronic & Design Features
#### A. maxiFLOW™ Fin Design
The heat sink utilizes a spread-fin architecture. This design increases the surface area significantly compared to standard straight-fin heat sinks, allowing for higher thermal performance in forced-air cooling systems (e.g., inside a server chassis or telecom rack).
#### B. maxiGRIP™ Attachment System
One of the most critical aspects of this part is how it attaches to the electronic component:
* **Plastic Frame Clip:** A specialized clip snaps around the perimeter of the electronic component.
* **Steady Pressure:** A stainless steel "M-Clip" applies consistent pressure across the center of the heat sink, ensuring optimal contact with the thermal interface material (TIM).
* **Non-Destructive:** It does not require holes in the PCB, preventing potential damage to board traces.
#### C. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the unit comes pre-applied with a high-performance thermal pad or phase-change material. This ensures that the microscopic air gaps between the component die and the heat sink are filled to facilitate efficient heat transfer.
---
### 3. Common Applications
This specific part is typically found in:
* **Networking Hardware:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs where vertical space is limited (low profile 7.6mm height).
* **Power Supplies:** Cooling voltage regulators or power MOSFETs.
---
- ⤷
What is the difference between the maxiGRIP and push-pin mounting systems?
- ⤷ How do I calculate the thermal resistance needed for my specific CPU?
- ⤷ Does this heat sink support active cooling fans?