ATS-53425D-C1-R0
AI

## ATS-53425D-C1-R0: High-Performance Heat Sink Overview
The **ATS-53425D-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, specifically designed for high-density cooling requirements in electronic components like CPUs, GPUs, and ASICs.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Base Series** | maxiFLOW™ |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Material** | Aluminum (Body) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 2.50°C/W @ 200 LFM |
| **Dimensions (L x W)** | 42.50mm x 42.50mm |
| **Height** | 9.50mm |
---
### 2. Key Component Features
#### A. maxiFLOW™ Fin Design
The fin geometry is tapered and flared. Unlike standard square fins, this design increases the surface area for heat dissipation while maintaining a low pressure drop. This allows more air to flow through the heat sink even in environments with high component density.
#### B. maxiGRIP™ Attachment
The part uses a specialized "Frame Clip" attachment system:
* **Plastic Frame:** A plastic frame is clipped around the component.
* **Stainless Steel Spring Clip:** A "steady-force" spring clip applies uniform pressure across the component surface, ensuring optimal thermal interface material (TIM) performance.
* **No Holes Required:** It eliminates the need to drill holes into the PCB, saving board space and reducing manufacturing complexity.
#### C. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the heat sink comes pre-assembled with a high-performance thermal pad (typically Chomerics T766 or equivalent), ensuring immediate readiness for installation.
---
### 3. Application Use Cases
1. **Telecommunications:** Cooling of high-speed networking chips and routers.
2. **Data Centers:** Low-profile cooling for server-mounted components where vertical space is limited (9.5mm height).
3. **Embedded Systems:** Industrial PCs and automated control systems that require vibration-resistant mounting.
---
### 4. Selection Criteria
When integrating this part into a circuit design, engineers focus on:
* **Thermal Budget:** Ensuring the 2.50°C/W resistance (at target airflow) keeps the junction temperature below the chip's limit.
* **Clearance:** Ensuring the 42.5mm footprint does not interfere with nearby capacitors or inductors.
* **Airflow Direction:** The flared fins are designed to take advantage of directional airflow.
- ⤷
How does the maxiGRIP attachment compare to push-pins or adhesive mounting?
- ⤷ What are the specific airflow requirements to achieve the rated 2.50°C/W thermal resistance?
- ⤷ Is there a version of this heat sink with a different height profile?