ATS-61330D-C1-R0
AI

The **ATS-61330D-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. This specific part belongs to the **maxiFLOW™** series, designed for cooling electronic components such as processors, FPGAs, and ASICs where space is limited but thermal demand is high.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Series** | maxiFLOW™ |
| **Dimensions** | 33.00mm x 33.00mm |
| **Height** | 9.50mm |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 5.30°C/W @ 200 LFM |
| **Fin Style** | Tapered |
---
### 2. Key Design Features
#### A. maxiFLOW™ Fin Geometry
The "D" in the part number signifies a specific fin pattern. The fins are tapered to maximize surface area while minimizing pressure drop. This allows for better airflow through the heat sink, even in environments with low-speed fans.
#### B. pushPIN™ Attachment
Instead of using messy thermal adhesives or fragile clips, this part uses the **pushPIN™** system.
* **Mechanism:** A spring-loaded pin that passes through pre-drilled holes in the PCB.
* **Benefit:** Ensures consistent pressure (clamping force) against the electronic component, which optimizes heat transfer through the Thermal Interface Material (TIM).
#### C. Thermal Interface Material (TIM)
This model typically comes with a pre-applied **Thermal Pad** or phase-change material on the base. This fills microscopic air gaps between the heat sink and the chip to ensure maximum thermal conductivity.
---
### 3. Typical Applications
This electronic part is used to manage heat in high-density PCB layouts, including:
* **Networking Hardware:** High-speed routers and switches.
* **Embedded Systems:** Industrial controllers and IoT gateways.
* **Telecommunications:** Base stations and data transmission modules.
* **Computing:** Secondary chipsets or power management ICs (PMICs).
---
### 4. Thermal Performance Comparison
*At various airflow rates (Linear Feet per Minute):*
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 5.30 |
| 400 | 2.0 | 4.20 |
| 600 | 3.0 | 3.50 |
- ⤷
What are the PCB hole diameter requirements for the pushPIN attachment?
- ⤷ How does the black anodized finish affect the thermal radiation properties?
- ⤷ Is there a version of this heat sink with a different height profile?