ATS-P1-01-C2-R0
AI

The **ATS-P1-01-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series designed for cooling electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL-6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions** | 40mm x 40mm x 10mm |
| **Thermal Resistance** | 21.93°C/W (Unducted Flow @ 100 LFM) |
| **Fin Type** | Straight Fin |
| **Spring Type** | ATS-PPS-01 |
---
### 2. Key Electronic Features
#### A. Thermal Interface Material (TIM)
The "C2" in the part number indicates that this unit comes pre-applied with **T766 phase-change material**. This is a non-conductive thermal grease/pad that fills microscopic air gaps between the electronic component (heat source) and the aluminum base to maximize heat transfer.
#### B. pushPIN™ Mounting System
Instead of using messy adhesives or simple clips, this part uses a precision spring-loaded pin system. This is critical for electronics because:
* **Constant Pressure:** It ensures the heat sink maintains consistent contact pressure on the chip.
* **Vibration Resistance:** It prevents the cooling assembly from shifting during mechanical shock.
* **Reusable:** It allows for easy removal and re-installation during PCB maintenance.
#### C. Airflow Optimization
The straight-fin design is optimized for high-performance cooling in environments with consistent airflow. The low profile (10mm height) makes it suitable for **1U or slim-form factor server chassis** and dense telecommunications boards.
---
### 3. Application Use Cases
This part is typically found on the following types of electronic hardware:
1. **Network Switches/Routers:** Cooling ASICs and high-speed processors.
2. **Industrial PCs:** Cooling embedded CPU modules.
3. **Power Electronics:** Managing heat for MOSFET arrays or voltage regulators.
- ⤷
What is the difference between Blue Anodized and other finishes for heat sinks?
- ⤷ How does 'LFM' airflow affect the thermal resistance of this part?
- ⤷ Can the pushPIN mounting system be used on any standard PCB?