ATS-P1-06-C2-R0
AI

The **ATS-P1-06-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, known for its high-efficiency cooling in constrained air-flow environments.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance (Air Flow)** | 14.90 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 45.00mm x 40.00mm x 10.00mm |
| **Shape** | Rectangular, Flared Fin |
---
### 2. Key Design Components
#### A. Flared Fin Geometry
Unlike standard straight-fin heat sinks, the **maxiFLOW™** design features fins that flare outward. This geometry:
* Reduces pressure drop.
* Increases the surface area available for heat dissipation.
* Is optimized for "impingement cooling" (air blowing directly onto the sink).
#### B. pushPIN™ Attachment System
This part utilizes the proprietary **pushPIN™** assembly. This electronic mounting system includes:
* **Compression Springs:** Ensure consistent pressure between the heat sink and the electronic component (CPU/GPU/FPGA) for maximum thermal transfer.
* **Brass/Plastic Pins:** Secure the unit through pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates the version of the pre-applied thermal material or the specific mounting hardware configuration. These units often come with a high-performance thermal pad or grease pre-applied to the base to bridge the microscopic air gaps between the heat sink and the chip.
---
### 3. Application Use Cases
This component is designed for cooling high-power density electronic devices, including:
* **Integrated Circuits (ICs):** Such as FPGAs, ASICs, and microprocessors.
* **Telecommunications:** Cooling components in high-speed switches and routers.
* **Power Electronics:** Dissipating heat from MOSFETs or power regulators.
---
- ⤷
What are the differences between pushPIN™ and plastic clip mounting for heat sinks?
- ⤷ How does the 'Blue Anodized' finish affect the thermal performance of this part?
- ⤷ How do I calculate if the 14.90 °C/W thermal resistance is sufficient for my specific processor?