ATS-P2-07-C1-R0
AI

The **ATS-P2-07-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) such as CPUs, GPUs, and high-power chipsets.
---
### Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 12.7mm |
| **Thermal Resistance** | 16.97°C/W (Unducted Flow @ 100 LFM) |
| **Flow Pattern** | Straight Fin |
---
### Key Electronic Components & Features
#### 1. The Fin Design (Straight Fin)
The "P2" in the part number indicates the fin profile. Straight fins provide a large surface area for heat exchange. This specific model is optimized for systems where there is a consistent airflow directed across the board.
#### 2. Attachment Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, the **ATS-P2-07-C1-R0** uses a mechanical push-pin system. This is critical for electronics because:
* **Constant Pressure:** It ensures a firm, uniform contact between the heat sink and the component.
* **Reliability:** It prevents the heat sink from shifting during vibration or thermal expansion.
* **Reusability:** The part can be removed for component maintenance without damaging the PCB.
#### 3. Thermal Interface Material (TIM)
This part usually comes with **T766** pre-applied. The TIM is a phase-change material that fills microscopic air gaps between the heat sink and the electronic chip, significantly lowering the thermal resistance of the interface.
---
### Application in Circuit Design
This part is typically used in the following electronic environments:
* **High-Speed Networking:** Cooling ASICs in switches and routers.
* **Embedded Computing:** Protecting industrial-grade processors from thermal throttling.
* **Power Electronics:** Managing heat in DC-DC converters or motor drivers.
- ⤷
How does the thermal resistance of this part change at higher airflow (LFM)?
- ⤷ What are the compatible PCB hole patterns for the push-pin attachment?
- ⤷ Can this heat sink be used with liquid-cooled systems?